công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3A22TBA-R

  • AI
    The **M3A22TBA-R** is a specific part number belonging to a series of **TFT Liquid Crystal Display (LCD) Modules**. These components are typically used in industrial equipment, medical devices, or specialized handheld terminals. Below is a breakdown of the electronic characteristics and technical specifications common to this part. --- ### 1. General Specifications The "M3A" series usually refers to high-quality display modules designed for durability and long-term availability. | Feature | Specification (Typical) | | :--- | :--- | | **Display Type** | TFT Active Matrix Color LCD | | **Backlight** | White LED (Light Emitting Diode) | | **Interface** | Digital (often RGB or CMOS 6-bit/8-bit) | | **Touch Panel** | Integrated Resistive or Capacitive (depending on suffix) | | **Operating Voltage** | 3.3V (Typical for Logic) | --- ### 2. Key Electronic Components A module like the M3A22TBA-R consists of several integrated electronic subsystems: #### A. The Timing Controller (T-CON) This is the "brain" of the display. It translates the incoming video signals (from a CPU or GPU) into the specific row and column driver signals required to activate the liquid crystal pixels. #### B. LED Driver Circuit Since this module uses an LED backlight, it requires a constant current driver. * **Dimming:** Usually supports Pulse Width Modulation (PWM) for brightness control. * **Voltage:** Often requires a higher boost voltage than the logic supply to power the LED string. #### C. Driver ICs (Source and Gate Drivers) These are chips mounted directly on the glass (COG - Chip on Glass) or on the flexible PCB. They control the voltage applied to each sub-pixel to manage color depth and refresh rates. --- ### 3. Pinout and Connectivity The "R" suffix often indicates a specific connector orientation or a revision in the wiring. Typical connections include: 1. **Power Supply (VCC/VDD):** Logic power. 2. **Ground (GND):** Common reference. 3. **Data Lines:** Parallel RGB data (D0-D17 or D0-D23). 4. **Control Signals:** * **HSYNC/VSYNC:** Horizontal and Vertical sync. * **DE:** Data Enable signal. * **DCLK:** Dot Clock. 5. **Backlight Anode/Cathode:** Dedicated pins for the LED power. --- ### 4. Environmental & Durability Features Electronic parts in this category are built for industrial "M" (Industrial Grade) standards: * **Temperature Compensation:** Internal circuits to maintain contrast as temperatures fluctuate. * **EMI Shielding:** Integrated metal frames to reduce electromagnetic interference. * **Low Power Consumption:** Optimized for battery-operated industrial handhelds. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific resolution and screen size for the M3A22TBA-R?
    • ⤷ Which manufacturer produces this specific display module series?
    • ⤷ Is the interface for this module LVDS or Parallel RGB?