AI

The **M3A16TCA-R** is a specific part number typically associated with **M.2 Solid State Drive (SSD)** modules, specifically those manufactured by companies like **Innodisk**. These modules are designed for industrial, embedded, and enterprise applications where reliability and physical space are critical factors.
Below is a breakdown of the electronic components and technical specifications of this part.
---
### 1. Technical Specifications
This device is an industrial-grade flash storage module. Its internal architecture consists of three primary electronic layers: the Controller, the Flash Memory (NAND), and the DRAM Buffer.
| Feature | Specification Details |
| :--- | :--- |
| **Form Factor** | M.2 2242 (42mm length) or 2280 |
| **Interface** | SATA III 6.0 Gb/s (Backward compatible) |
| **Capacity** | 16GB (as indicated by the "16" in the part number) |
| **Flash Type** | MLC (Multi-Level Cell) or iSLC |
| **Input Voltage** | 3.3V ± 5% |
| **Operating Temp** | 0°C to +70°C (Standard) / -40°C to +85°C (Industrial) |
---
### 2. Key Electronic Components
#### A. The Flash Controller
The "brain" of the module. It manages the data flow between the SATA interface and the NAND flash. It handles:
* **Wear Leveling:** Ensuring data is written evenly across memory cells to prevent premature failure.
* **ECC (Error Correction Code):** Detecting and fixing bit errors that occur during data transmission or storage.
* **Bad Block Management:** Mapping out physical areas of the flash that are no longer reliable.
#### B. NAND Flash Chips
The non-volatile storage area where data is physically kept. In the "TCA" series, these are typically high-end chips designed for high endurance.
* **Reliability:** These chips are rated for a specific number of P/E (Program/Erase) cycles.
* **Data Retention:** Designed to hold data for extended periods even without power.
#### C. Power Management Integrated Circuit (PMIC)
This sub-system regulates the 3.3V input from the host device into the various lower voltages required by the controller and the flash chips. It often includes:
* **Over-current protection.**
* **Power-on reset circuits.**
---
### 3. Special Features (Industrial Grade)
Unlike consumer SSDs, the "R" suffix and "M3A" series often imply specific industrial protections:
1. **Thermal Sensor:** Monitors the temperature of the electronic components to prevent overheating.
2. **iData Guard:** A proprietary power-fail management system that ensures data is not corrupted if power is suddenly lost during a write operation.
3. **Conformal Coating (Optional):** A chemical layer applied to the PCB to protect the electronic circuits from moisture, dust, and chemicals.
---
### 4. Pin Configuration (M.2 B+M Key)
The physical connector (the "gold fingers") uses a standard M.2 pinout:
```markdown
Pin 1-75: Includes 3.3V Power, GND, SATA TX/RX Differential Pairs,
and DAS/DSS (Device Activity Signal).
```
---
- ⤷
What is the endurance rating (TBW) for this 16GB module?
- ⤷ Does this model support AES-256 hardware encryption?
- ⤷ What is the difference between the 'TCA' and 'TCB' series in this product line?