công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3A16TAA-R

  • AI
    The **M3A16TAA-R** is a specific part number typically associated with an **SFP (Small Form-factor Pluggable) Optical Transceiver Module**. These modules are essential components in fiber optic networking, acting as the interface between a network switch/router and the fiber optic cabling. --- ### 1. Technical Specifications The table below highlights the primary electronic and optical characteristics typically found in this module class: | Feature | Specification | | :--- | :--- | | **Form Factor** | SFP (Small Form-factor Pluggable) | | **Data Rate** | Typically 1.25 Gbps (Gigabit Ethernet) | | **Wavelength** | 850 nm (Multimode) | | **Connector Type** | Dual LC Connector | | **Distance Support** | Up to 550 meters (on OM2 fiber) | | **Operating Voltage** | 3.3V | | **Fiber Type** | MMF (Multi-Mode Fiber) | --- ### 2. Key Electronic Components The internal architecture of the M3A16TAA-R consists of several critical electronic sub-systems: #### A. The Optical Sub-Assemblies (OSA) * **TOSA (Transmitter Optical Sub-Assembly):** Contains a **VCSEL** (Vertical-Cavity Surface-Emitting Laser) diode. It converts electrical signals from the host device into light pulses. * **ROSA (Receiver Optical Sub-Assembly):** Contains a **PIN Photodiode** and a Trans-Impedance Amplifier (TIA). It converts incoming light pulses back into electrical signals. #### B. Integrated Circuits (IC) * **Laser Driver:** Controls the TOSA, ensuring the laser fires with the correct intensity and timing. * **Limiting Amplifier:** Cleans up the electrical signal received from the ROSA before passing it to the host system. * **EEPROM:** A small memory chip that stores "Identification Data" (Serial number, vendor name, and compatibility codes) which the switch reads to recognize the module. #### C. DDM/DOM Functionality Most modern versions of these modules support **Digital Diagnostic Monitoring (DDM)**. This allows the network administrator to electronically monitor: 1. Transceiver Temperature. 2. Supply Voltage. 3. Laser Bias Current. 4. Transmit (TX) Optical Power. 5. Receive (RX) Optical Power. --- ### 3. Application Use Cases * **Enterprise Networking:** Connecting core switches to edge switches in a server room. * **Data Centers:** High-speed uplinks between rack-mounted equipment. * **Fiber-to-the-Desktop:** Providing high-bandwidth connectivity to high-end workstations.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Single-mode and Multi-mode versions of this transceiver?
    • ⤷ How does the DDM functionality help in troubleshooting network failures?
    • ⤷ Is the M3A16TAA-R hot-swappable in a live network switch?