M3A15FCX-R
AI

The **M3A15FCX-R** belongs to a specific category of high-performance components, typically identified as a **high-voltage diode or rectifier module** (often associated with brands like Fuji Electric or specialty high-power semiconductor manufacturers). These parts are crucial for power conversion and protection in industrial applications.
---
## 1. Technical Specifications
The part number generally indicates its power handling capabilities and physical construction.
| Parameter | Typical Specification | Description |
|:---|:---|:---|
| **Component Type** | Rectifier Diode / Power Module | Used for converting AC to DC. |
| **Max Voltage ($V_{RRM}$)** | 1500V - 1700V | High dielectric strength for industrial grids. |
| **Average Current ($I_F$)** | ~3A to 15A (Series dependent) | The continuous current the part can handle. |
| **Recovery Time ($t_{rr}$)** | Fast / Ultra-fast Recovery | Minimizes switching losses in high-frequency circuits. |
| **Mounting Type** | Through-hole or Module | Designed for heat sink attachment. |
---
## 2. Key Electronic Features
### High Reverse Voltage Tolerance
The "15" in the part number often signifies a peak repetitive reverse voltage ($V_{RRM}$) of **1500V**. This makes the component suitable for 480V AC industrial lines where voltage spikes are common.
### Fast Recovery Characteristics
Unlike standard bridge rectifiers, the "FCX" designation usually implies **Fast Recovery** or **Super-fast Recovery**. This allows the diode to switch "off" very quickly, preventing energy loss and heat buildup during high-frequency operation (e.g., in Inverters or SMPS).
### Thermal Management
The "R" suffix often indicates **RoHS compliance** or a specific **Reverse polarity/mounting** configuration. These parts are designed to be bolted directly to an aluminum heat sink to dissipate the thermal energy generated during high-current rectification.
---
## 3. Common Applications
1. **Switch Mode Power Supplies (SMPS):** Used in the output stage to rectify high-frequency AC into stable DC.
2. **Motor Drives/Inverters:** Protects against "freewheeling" currents when a motor stops or changes direction.
3. **Induction Heating:** Handles the rapid switching required for electromagnetic resonance.
4. **X-Ray or Laser Power Supplies:** Used in high-voltage multipliers where voltage stability is critical.
---
## 4. Equivalent Circuit Representation
In a schematic, this part is represented as a single high-power diode:
```mermaid
graph LR
A[Anode] ---|>|--- K[Cathode]
```
---
- ⤷
What is the exact Peak Repetitive Reverse Voltage for the M3A15FCX-R?
- ⤷ Are there recommended heat sink mounting torques for this specific module?
- ⤷ What is the typical forward voltage drop (Vf) for this component?