công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3A14FBD-R

  • AI
    The part number **M3A14FBD-R** typically refers to a high-performance **DDR3 SDRAM Memory Module** (specifically a Dual In-line Memory Module or DIMM) often utilized in server environments. Below is a breakdown of its technical specifications and electronic components. --- ### 1. General Specifications This module is categorized under DDR3 (Double Data Rate 3) technology, designed for high-speed data transfer and lower power consumption compared to its predecessor, DDR2. | Attribute | Specification | | :--- | :--- | | **Memory Type** | DDR3 SDRAM | | **Form Factor** | 240-pin FBDIMM (Fully Buffered DIMM) | | **Capacity** | Commonly 2GB or 4GB (Varies by sub-revision) | | **Speed** | PC3-10600 (1333 MHz) or PC3-8500 (1066 MHz) | | **Voltage** | 1.5V | | **ECC Support** | Yes (Error Correcting Code) | --- ### 2. Key Electronic Components The "FBD" in the part number signifies it is a **Fully Buffered** module. This involves specific electronic components not found on standard desktop RAM. #### A. The AMB (Advanced Memory Buffer) The most critical component on an FBDIMM is the **AMB chip**, located in the center of the module. * **Function:** It manages the interface between the memory controller and the DRAM chips. * **Signalling:** Instead of a parallel bus, it uses a high-speed serial interface to reduce noise and allow for higher capacities in server banks. * **Heat:** AMB chips generate significant heat, which is why these modules almost always feature a metal heat spreader. #### B. DRAM Chips (Dynamic Random Access Memory) These are the rectangular integrated circuits (ICs) soldered onto the PCB. * **Storage:** They store the actual data bits using a combination of a transistor and a capacitor. * **Organization:** Arranged in "ranks" (e.g., 1Rx4 or 2Rx4), determining how the memory controller accesses the data. #### C. EEPROM (SPD - Serial Presence Detect) A small 8-pin chip that stores the module's configuration details. * **Role:** When the system boots, the BIOS reads this chip to know the timing, voltage, and speed requirements of the module. #### D. Passives (Resistors and Capacitors) * **Decoupling Capacitors:** Small Surface Mount Devices (SMD) that stabilize the voltage supplied to the DRAM and AMB chips, filtering out electronic noise. * **Termination Resistors:** Used to prevent signal reflections on the data lines, ensuring data integrity at high frequencies. --- ### 3. Logical Architecture The M3A14FBD-R is designed for **Enterprise Reliability**: 1. **ECC (Error Correction):** The module includes extra data bits to detect and correct single-bit memory errors, preventing system crashes. 2. **Buffering:** By buffering the signals, the electrical load on the memory controller is reduced, allowing the server to handle more sticks of RAM simultaneously.
    ✨ Follow-up Questions
    • ⤷ What is the difference between FBDIMM and standard Registered DIMM (RDIMM)?
    • ⤷ How do I troubleshoot a 'Memory Training Error' with this specific module?
    • ⤷ Does the M3A14FBD-R require a specific type of motherboard chipset?