M3A12FAA-R
AI

The **M3A12FAA-R** is a specific model of an **AC Solenoid Valve Coil**, typically manufactured by companies like **SMC** or similar industrial pneumatic/hydraulic component providers. It is designed to actuate a valve plunger using electromagnetic force.
---
### 1. Technical Specifications
The part number breakdown usually refers to the electrical characteristics and the physical interface of the coil.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Voltage** | 110V - 120V AC (50/60Hz) |
| **Power Consumption** | ~5.0 VA (Starting) / 3.5 VA (Holding) |
| **Connection Type** | DIN Terminal (Plug-in) or Grommet |
| **Insulation Class** | Class B (or equivalent) |
| **Duty Cycle** | 100% Continuous Duty |
| **Operating Temp** | -10°C to 50°C |
---
### 2. Core Electronic Components
Inside the M3A12FAA-R, the following electronic and magnetic principles are at play:
* **Solenoid Winding:** A precision-wound copper coil. When AC current passes through, it creates a magnetic field.
* **Shading Ring (Shading Coil):** Essential for AC coils. This is a small copper ring embedded in the core. It delays the change in magnetic flux to prevent "chattering" or humming at the 50/60Hz frequency zero-crossing points.
* **Encapsulation:** The coil is molded in a thermoset or thermoplastic resin (usually epoxy) to protect the thin copper wires from moisture, vibration, and chemical exposure.
* **Varistor/Suppressor (Model Dependent):** Some versions include a built-in surge suppressor to protect the driving PLC (Programmable Logic Controller) from back-EMF spikes when the coil is de-energized.
---
### 3. Connection and Pinout
The "R" suffix often denotes a specific lead wire length or a specific connector orientation.
1. **Pin 1:** Line (Hot)
2. **Pin 2:** Neutral
3. **Earth/Ground:** Usually the center or offset pin on the DIN connector to ensure safety against insulation failure.
---
### 4. Common Applications
* **Pneumatic Control:** Used on 3-port or 5-port directional control valves.
* **Automation Lines:** Controlling the extension/retraction of air cylinders.
* **Pilot Operation:** Actuating a small pilot valve which then moves a larger high-pressure spool.
---
- ⤷
What is the exact voltage tolerance for the M3A12FAA-R coil?
- ⤷ Does this model include a built-in surge suppressor?
- ⤷ What are the compatible valve series for this specific coil?