công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3A11FCA-R

  • AI
    The **M3A11FCA-R** belongs to the family of high-performance Microcontrollers (MCUs), specifically part of the **RH850/F1x** series developed by Renesas Electronics. This series is designed specifically for automotive body applications, such as gateway modules, body control modules (BCM), and lighting systems. Below is a breakdown of its core electronic components and technical specifications. --- ### 1. Technical Specifications Table | Feature | Specification Details | | :--- | :--- | | **Core Architecture** | RH850 G3K (32-bit RISC) | | **Operating Frequency** | Typically up to 80 MHz - 120 MHz | | **Flash Memory** | 1 MB - 2 MB (depending on specific sub-variant) | | **RAM** | 128 KB - 192 KB | | **Operating Voltage** | 3.3V to 5.5V | | **Package Type** | LQFP (Low Profile Quad Flat Package) | | **Automotive Grade** | AEC-Q100 Qualified | --- ### 2. Key Electronic Subsystems #### A. Memory Architecture * **Code Flash:** High-endurance internal memory for storing the application program. * **Data Flash:** Equivalent to EEPROM, used for storing calibration data and non-volatile variables. * **SRAM:** High-speed memory for temporary data storage during CPU operations. #### B. Peripheral Interfaces The "FCA" designation in the RH850 family usually implies a specific set of connectivity peripherals: * **CAN-FD (Controller Area Network with Flexible Data-Rate):** Support for high-speed automotive communication. * **LIN (Local Interconnect Network):** Used for lower-speed peripheral devices like mirrors or window controls. * **SPI/I2C:** Standard serial interfaces for communication with external sensors or EEPROMs. #### C. Analog-to-Digital Conversion (ADC) * Equipped with a **10-bit or 12-bit ADC**. * Crucial for reading analog sensors (temperature, voltage, pressure) and converting them into digital values for the CPU to process. #### D. Safety and Security Features * **ICU-S (Intelligent Cryptographic Unit):** Hardware-based security to handle encryption and secure booting. * **ECC (Error Correction Code):** Monitors and fixes single-bit errors in the RAM and Flash memory to prevent system crashes. --- ### 3. Pinout and Integration As a QFP package, the pins are distributed along all four sides of the chip. 1. **Power Supply Pins:** Multiple $V_{DD}$ and $V_{SS}$ pins to ensure stable power distribution. 2. **Clock Inputs:** Connections for external crystals/oscillators to provide a stable time base. 3. **GPIO (General Purpose I/O):** Programmable pins that can act as inputs (switches) or outputs (driving LEDs/relays).
    ✨ Follow-up Questions
    • ⤷ What are the specific automotive safety integrity level (ASIL) ratings for this MCU?
    • ⤷ How does the power consumption of the RH850 series compare to older 16-bit architectures?
    • ⤷ Which development tools are recommended for programming the M3A11FCA-R?