AI

The **M34C02-W-RMB1G** is a specialized Serial I2C Bus EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. It is primarily designed for use in DIMM (Dual Inline Memory Module) serial presence detect (SPD) applications.
---
## 1. Technical Specifications
The following table outlines the key electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Storage Capacity** | 2 Kbit (256 x 8 bits) |
| **Interface** | I2C (2-wire serial) |
| **Supply Voltage (Vcc)** | 2.5V to 5.5V |
| **Clock Frequency** | 400 kHz |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
| **Operating Temperature** | -40°C to +85°C |
| **Endurance** | 1,000,000 Write Cycles |
| **Data Retention** | 40 Years |
---
## 2. Key Internal Components & Functions
The device operates using specific logic blocks to ensure data integrity and security:
### A. Memory Array
* The 2 Kbit memory is organized into **256 bytes**.
* It is divided into two halves: The lower 128 bytes are typically for SPD data, and the upper 128 bytes can be used for general storage.
### B. Software Write Protection
Unlike standard EEPROMs that use a physical pin for write protection, the M34C02 features a **Permanent Software Write Protection (PSWP)** mechanism. This allows the first 128 bytes to be permanently locked to prevent accidental overwriting of critical configuration data.
### C. Device Addressing
The device uses three chip-enable pins ($E_0, E_1, E_2$), allowing up to eight M34C02 devices to be connected to the same I2C bus.
---
## 3. Pin Configuration (UFDFPN8)
The pins are critical for the communication between the memory chip and the CPU/Memory Controller:
| Pin | Name | Description |
| :--- | :--- | :--- |
| 1-3 | E0, E1, E2 | Chip Enable (Address inputs) |
| 4 | Vss | Ground |
| 5 | SDA | Serial Data (Bi-directional) |
| 6 | SCL | Serial Clock (Input) |
| 7 | WC | Write Control (Hardware protection) |
| 8 | Vcc | Supply Voltage |
---
## 4. Typical Application Circuit
In a standard computer memory application, the M34C02 resides on the RAM stick to store timing and manufacturer data.
```c
// Example I2C Read Sequence (Pseudocode)
1. START Condition
2. Send Device Address (1010 + E2, E1, E0 + R/W=0)
3. Send Memory Address (0x00 - 0xFF)
4. REPEATED START
5. Send Device Address (1010 + E2, E1, E0 + R/W=1)
6. Read Data Byte from M34C02
7. STOP Condition
```
---
## 5. Summary of Part Number Suffixes
* **W**: Operating voltage range (2.5V to 5.5V).
* **R**: Industrial temperature range (-40 to +85°C).
* **MB**: UFDFPN8 package (2x3 mm).
* **1**: Standard process.
* **G**: ECOPACK2 (RoHS compliant, Halogen-free).
- ⤷
What is the difference between M34C02 and a standard 24C02 EEPROM?
- ⤷ How do you activate the Permanent Software Write Protection (PSWP)?
- ⤷ Can this chip be used in DDR4 or DDR5 memory modules?