công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2XUM-R20-M2/N

  • AI
    The **M2XUM-R20-M2/N** is a specific model within the industrial rotary actuator or motor category (often associated with brands like SMC or similar hydraulic/pneumatic manufacturers). This specific part number typically refers to a **High-Torque Rotary Actuator** (specifically the M2X series) commonly used in heavy machinery like excavators. Below is a breakdown of the electronic and electromechanical components associated with this type of unit. --- ## 1. Component Overview While the core of the M2X series is hydraulic, the "electronic parts" usually refer to the control interface, sensors, and integration modules that manage its operation. | Component Type | Function | Specifications | | :--- | :--- | :--- | | **Proportional Solenoid Valve** | Controls the flow/pressure of fluid based on electrical input. | DC 12V or 24V operation. | | **Rotary Position Sensor** | Provides feedback on the angular position of the output shaft. | Potentiometric or Hall Effect. | | **Speed Sensor** | Monitors the RPM of the motor for closed-loop control. | Inductive or Magnetic Pickup. | | **Pressure Transducer** | Monitors the hydraulic pressure within the motor chambers. | 0-5V or 4-20mA output. | --- ## 2. Key Electronic Features The "M2/N" designation often specifies the variation in control logic or electrical connections. ### A. Proportional Control The unit relies on an **Electronic Control Unit (ECU)** to send a Pulse Width Modulation (PWM) signal to the internal solenoids. * **Variable Displacement:** The electronics allow the motor to shift between high-speed/low-torque and low-speed/high-torque modes. * **Smooth Start/Stop:** Prevents mechanical shock by electronically ramping the current to the valves. ### B. Feedback Loop If equipped with a sensor kit, the electronics allow for: 1. **Anti-Slip Control:** Adjusts power if the motor detects a loss of traction/resistance. 2. **Positioning Accuracy:** Essential for robotic arms or precise boom movements. --- ## 3. Wiring and Connection (Generic Schematic) The electronic interface usually follows a standard industrial pinout for hydraulic controllers. ```yaml Pin Configuration (Standard 4-Pin Connector): - Pin 1: Power Supply (+24V DC) - Pin 2: Ground (GND) - Pin 3: Control Signal (PWM / 0-10V) - Pin 4: Diagnostic / Feedback Signal ``` --- ## 4. Technical Summary The **M2XUM-R20-M2/N** is a robust assembly where the electronics serve as the "brain," translating operator commands (joystick movements) into precise mechanical motion by manipulating hydraulic valves. * **Environmental Protection:** Typically rated **IP67** or higher to resist dust and high-pressure water. * **Operating Voltage:** Most industrial versions operate on a **24V DC** system standard in heavy equipment. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific torque ratings for the M2XUM series?
    • ⤷ How do I troubleshoot a solenoid failure in this actuator?
    • ⤷ What is the difference between the M2 and N variants in the part number?