M2XU-S2Z1-R
AI

The model number **M2XU-S2Z1-R** refers to a high-performance **Industrial Digital Panel Meter** (specifically a multi-functional signal converter/display) produced by **M-System** (now part of MG CO., LTD).
This device is designed to measure DC input signals and provide isolated analog outputs and relay contacts for industrial automation.
---
## Technical Specifications Breakdown
The alphanumeric code describes the specific configuration of the hardware:
| Code Segment | Feature | Description |
| :--- | :--- | :--- |
| **M2XU** | Base Model | Multi-Function Signal Conditioner with 4-digit LED Display. |
| **S** | Input Type | DC Input (Programmable range within -1000 to +1000 mV or -300 to +300 V). |
| **2** | Output 1 | 4–20 mA DC (Isolated). |
| **Z1** | Power Input | 100–240V AC (Universal Power Supply). |
| **R** | Output 2 / Options | Relay Contact Output (Used for alarms or control). |
---
## Key Electronic Components & Functions
### 1. The Input Stage (Signal Conditioning)
* **Analog-to-Digital Converter (ADC):** High-resolution sampling of the incoming DC voltage. It features high input impedance to prevent loading the source circuit.
* **Programmable Scaling:** Users can scale the input (e.g., 0–10V) to display specific engineering units (e.g., 0–100.0% or 0–5000 RPM).
### 2. Isolation Circuitry
* **Optical/Galvanic Isolation:** The device provides isolation between the Input, Output, and Power Supply. This protects sensitive PLC/DCS equipment from high-voltage surges or ground loops.
* **Isolation Rating:** Usually rated for 2000V AC for 1 minute.
### 3. Output Stage
* **DAC (Digital-to-Analog Converter):** Converts the processed signal back into a precise 4–20mA current loop for retransmission.
* **Relay (The "R" in the suffix):** An electromechanical or solid-state relay used for "HI" or "LO" alarm limits. It can trigger an external siren or shut down a motor.
### 4. Display & Interface
* **LED Display:** 4-digit red LED used for real-time monitoring.
* **Front Keys:** Three buttons typically used to configure the "Zero" and "Span" without needing an external PC or communicator.
---
## Wiring Diagram Overview
| Terminal No. | Function |
| :--- | :--- |
| **1 - 2** | Power Supply Input (100–240V AC) |
| **3 - 4** | Analog Output 1 (4–20mA) |
| **5 - 6** | Relay Contact Output |
| **Input Terminals** | DC Signal (+ / -) |
---
- ⤷
How do I calibrate the zero and span on the M2XU display?
- ⤷ What are the specific mounting requirements for this panel meter?
- ⤷ Can the 'S' input type be reconfigured for thermocouple inputs?