M2XU-R1V2-P
AI

The **M2XU-R1V2-P** is a specific model identifier typically associated with high-performance **M.2 NVMe to PCIe Expansion Cards** or industrial-grade interface converters. These devices are used to bridge the gap between high-speed NVMe storage (M.2) and standard motherboard expansion slots (PCIe).
---
### 1. Key Technical Specifications
Below are the primary electronic and hardware characteristics of this part:
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | M.2 to PCIe (usually x4 or x16 physical slot) |
| **Interface Protocol** | NVMe (PCIe Gen 3 or Gen 4 compatible) |
| **Key Type** | M-Key (dedicated for NVMe SSDs) |
| **Voltage Regulation** | Built-in DC-to-DC step-down (12V to 3.3V) |
| **LED Indicators** | Power (Steady) & Data Activity (Blinking) |
---
### 2. Core Electronic Components
The "R1V2-P" version usually denotes a specific hardware revision (Revision 1, Version 2) with optimized power delivery.
#### A. Power Management (VRM)
The card converts the **12V** rail from the PCIe slot down to the **3.3V** required by M.2 SSDs.
* **Capacitors:** Solid-state tantalum or electrolytic capacitors are used to filter ripple current, ensuring stable data transmission during heavy read/write loads.
* **Voltage Regulator:** High-efficiency switching regulators to prevent overheating.
#### B. Signal Integrity
* **Differential Pairing:** The PCB layout uses controlled impedance traces to maintain the integrity of high-speed PCIe signals.
* **Gold Fingers:** The edge connector is usually plated with 30μ" or 50μ" gold to prevent oxidation and ensure a low-resistance connection.
#### C. Thermal Management
* **Copper Pours:** Large areas of copper on the PCB act as a passive heat sink.
* **Thermal Pads:** Usually included to bridge the gap between the SSD controller and the PCB or an external aluminum heatsink.
---
### 3. Connection Pinout Logic
The device maps the M.2 pins directly to the PCIe lanes. No "bridge chip" (like a Marvell or ASMedia controller) is usually required because NVMe communicates natively with the PCIe bus.
```yaml
Signal Path:
[M.2 NVMe SSD] <--> [M-Key Connector] <--> [Impedance Matched Traces] <--> [PCIe Gold Fingers]
```
---
### 4. Compatibility Notes
* **OS Support:** Native support in Windows 10/11, Linux, and macOS (no drivers needed for the adapter itself).
* **Motherboard:** Requires a motherboard that supports **NVMe Booting** if you intend to use it as a primary drive.
* **Bifurcation:** If this is a multi-slot version (e.g., holding two M.2 drives), the motherboard must support **PCIe Bifurcation** in the BIOS to see both drives.
- ⤷Does this specific model support PCIe 4.0 speeds?
- ⤷ Is a heatsink mandatory for the M2XU-R1V2-P?
- ⤷ How do I check if my motherboard supports PCIe bifurcation for this card?