M2XT2-1V1-R/Q
AI

The **M2XT2-1V1-R/Q** refers to a high-performance **M.2 to PCIe adapter/bridge solution**, typically associated with industrial-grade interface conversion. It is designed to bridge M.2 (NGFF) modules with standard PCIe lanes, often used in embedded computing, servers, or high-speed data acquisition systems.
---
### 1. Key Technical Specifications
Based on the part numbering convention common in high-end interface electronics, here are the primary electronic characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Interface Type** | M.2 (M-Key or B+M Key) to PCIe |
| **Data Lanes** | x2 or x4 PCIe Lanes (Generation dependent) |
| **Voltage Input** | 3.3V (Standard M.2 rail) |
| **Form Factor** | M.2 2280 or custom embedded board |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
| **Signal Integrity** | Differential pair impedance matching (85/100 Ω) |
---
### 2. Core Electronic Components
The assembly of this part typically involves several critical electronic stages:
#### A. Power Management Integrated Circuit (PMIC)
Since the M.2 slot requires a stable 3.3V supply, the board includes:
* **LDO Regulators:** To provide clean power to low-voltage logic gates.
* **Decoupling Capacitors:** Usually MLCCs (Multi-Layer Ceramic Capacitors) placed close to the connector pins to filter high-frequency noise.
#### B. Signal Conditioning (Redrivers/Retimers)
To ensure high-speed data transmission over the PCIe bus without errors, the "R/Q" variant often includes:
* **Redrivers:** Boost the signal strength to compensate for trace loss.
* **Retimers:** Resynchronize the data signals to eliminate jitter.
#### C. Connectivity & Protection
* **M.2 Connector:** High-density gold-plated pins for reliable contact.
* **TVS Diodes:** Transient Voltage Suppression diodes to protect the internal logic from Electrostatic Discharge (ESD) during installation.
---
### 3. Application Use Cases
The M2XT2 series is predominantly used in scenarios requiring high-bandwidth data throughput:
1. **NVMe Storage Expansion:** Interfacing high-speed SSDs to custom motherboards.
2. **AI Accelerators:** Connecting M.2-based TPU or NPU modules to a host CPU via PCIe.
3. **FPGA Prototyping:** Serving as a bridge for mezzanine cards in development environments.
---
### 4. Schematic Topology
In a typical implementation, the wiring follows this logic:
```mermaid
graph LR
A[PCIe Host Controller] --> B[Signal Redriver]
B --> C[M.2 Connector Pins]
D[3.3V Power Rail] --> E[Filtering Network]
E --> C
```
---
- ⤷
Does this part support PCIe Gen 4 or Gen 5 speeds?
- ⤷ What are the specific pinout differences for the 'Q' variant?
- ⤷ Are there recommended thermal management solutions for this adapter?