M2XT2-1V1-R/BL
AI

The **M2XT2-1V1-R/BL** belongs to the **M2XT2 series** of high-performance, compact connectors, often utilized in automotive, industrial, and high-speed data transmission applications. These parts are specifically designed to meet rigorous environmental standards while maintaining signal integrity.
---
### 1. Key Technical Specifications
The part number typically breaks down into specific physical and electrical characteristics:
| Feature | Description |
| :--- | :--- |
| **Component Type** | High-speed I/O Connector / Interface |
| **Orientation** | Vertical (1V1 designation) |
| **Mounting Style** | Through-hole or Surface Mount (model dependent) |
| **Color/Finish** | Black (BL suffix) |
| **Compliance** | RoHS compliant (R suffix) |
### 2. Physical Construction
The electronic and mechanical parts of this connector are engineered for durability:
* **Contacts:** Usually made of a high-conductivity copper alloy with gold plating on the mating surface to prevent oxidation and ensure low contact resistance.
* **Insulator/Housing:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer) capable of withstanding reflow soldering temperatures.
* **Shielding:** Integrated metal shielding (often tin-plated steel or copper) to minimize Electromagnetic Interference (EMI) and Radio Frequency Interference (RFI).
### 3. Electrical Characteristics
These parts are designed for high-frequency environments:
1. **Impedance Matching:** Designed for differential signals (e.g., 100 Ohms) to prevent signal reflection in high-speed data lines.
2. **Current Rating:** Typically ranges from 0.5A to 1.5A per pin depending on the specific pinout configuration.
3. **Voltage Rating:** Generally rated for low voltage DC signals (30V to 100V AC/DC).
### 4. Typical Applications
Due to its robust design, the M2XT2 series is commonly found in:
* **Automotive Infotainment:** Connecting displays, cameras, and head units.
* **ADAS Systems:** Transmission of sensor data (Lidar/Radar).
* **Industrial Automation:** High-speed PLCs and robotic control modules.
---
- ⤷What is the exact pin count for the 1V1 variant?
- ⤷ What are the specific soldering temperature limits for this part?
- ⤷ Are there right-angle alternatives to the vertical M2XT2-1V1?