công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2XRP2-B0V2-R/N

  • AI
    Based on the part number provided, this component appears to be a specific industrial interface or power module, likely associated with the **M2X series** by manufacturers such as **Yokogawa**. These are typically part of a modular I/O system used in signal conditioning and process automation. --- ### 1. Breakdown of Component Type The **M2X series** usually refers to **Signal Conditioners** or **Isolators**. These devices are used to convert, isolate, and transmit industrial signals (like 4-20mA or 0-10V) between field sensors and a PLC/DCS system. ### 2. General Technical Specifications While specific datasheets can vary by revision, the "RP2" and "B0V2" segments usually indicate the following electronic characteristics: | Parameter | Typical Description | | :--- | :--- | | **Function** | Signal Isolator / Converter | | **Input Signal** | Often configurable (Current or Voltage) | | **Output Signal** | Isolated DC output (e.g., 4-20mA DC) | | **Power Supply** | Typically 24V DC or 100-240V AC (model dependent) | | **Isolation** | 3-way isolation (Input, Output, Power) | | **Mounting** | DIN Rail or Rack Mount | ### 3. Electronic Architecture The internal circuitry of this type of module generally consists of four main stages: 1. **Input Conditioning:** Precision resistors and Op-Amps to scale the incoming field signal. 2. **Galvanic Isolation:** Uses an optical coupler or transformer-based isolation to prevent high voltage surges from damaging the control system. 3. **Signal Processing:** An analog or micro-controlled circuit that ensures linearity and compensates for temperature drift. 4. **Output Driver:** A current-source or voltage-source circuit designed to drive long-distance loads (up to 600-750 ohms for current loops). --- ### 4. Typical Wiring Logic If you are integrating this into a circuit, the pinouts generally follow this logic: ```markdown [ Field Side ] <---> [ M2X Module ] <---> [ Control Side ] (Sensor) (Isolation) (PLC/DCS) 1. Terminal A/B: Input Signal (+/-) 2. Terminal C/D: Output Signal (+/-) 3. Terminal E/F: Power Supply Input ``` ### 5. Key Suffixes * **-R/N:** Often denotes specific certification or mounting styles (e.g., R might stand for Rack-mount compatible, N for specific terminal types or no-socket options). ---
    ✨ Follow-up Questions
    • ⤷ What is the specific input voltage/current range for the B0V2 variant?
    • ⤷ Is this module compatible with HART communication protocols?
    • ⤷ What are the specific terminal pinouts for the M2XRP2 model?