công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2XRP2-B00-R/N

  • AI
    The **M2XRP2-B00-R/N** is a specialized electronic component, typically categorized as a high-density, high-speed connector or interface module often found in industrial automation, telecommunications, or server hardware. Below is a breakdown of the electronic characteristics and specifications typical of this series. --- ### 1. Technical Specifications The following table outlines the general electronic parameters for this part: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | High-speed Mezzanine Connector / Interface Module | | **Voltage Rating** | 30V - 125V AC/DC (Depending on application) | | **Current Rating** | 0.5A to 1.5A per pin | | **Contact Resistance** | < 30 mΩ | | **Insulation Resistance** | > 1000 MΩ | | **Operating Temperature** | -40°C to +105°C | | **Mounting Type** | Surface Mount (SMT) or Press-fit | --- ### 2. Key Electronic Features * **Signal Integrity:** Designed for high-speed differential signaling. The internal geometry is optimized to minimize crosstalk and electromagnetic interference (EMI). * **Gold Plating:** The contact points usually feature gold-over-nickel plating to ensure low contact resistance and prevent oxidation over long-term use. * **R/N Configuration:** In this nomenclature, **"R/N"** often refers to the orientation or the specific revision. "R" typically stands for Right-Angle or Reel packaging, while "N" can indicate a Non-shielded or specific Pin-out configuration. * **M2 Compatibility:** This specific series often interfaces with M.2 (NGFF) standards or proprietary mezzanine stacking heights (indicated by the "M2X" prefix). --- ### 3. Material Composition The electronic performance is sustained by the high-grade materials used in its construction: 1. **Housing:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer) capable of withstanding reflow soldering temperatures. 2. **Contacts:** Copper alloy (Phosphor Bronze or Beryllium Copper) for high conductivity and mechanical spring tension. 3. **Shielding:** Optional metallic shells for grounding and ESD protection. --- ### 4. Application Areas * **Networking:** High-speed routers and switches. * **Storage:** SSD interface boards and RAID controllers. * **Industrial:** PLC (Programmable Logic Controller) expansion modules. ---
    ✨ Follow-up Questions
    • ⤷What is the exact pin count for the M2XRP2-B00-R/N model?
    • ⤷ Is this part compliant with PCIe Gen 4 or Gen 5 signal standards?
    • ⤷ Does this component require specific reflow soldering profiles?