M2XR2-6V2-R/CE
AI

The **M2XR2-6V2-R/CE** is a high-precision, plug-in type signal conditioner (specifically a **Potentiometer Transmitter**) manufactured by **M-System** (now MG CO., LTD.). It is designed to measure the resistance of a potentiometer and convert it into a standard DC output signal.
---
### 1. Key Technical Specifications
Below is a breakdown of the electronic parameters for this specific model:
| Parameter | Specification |
|:---|:---|
| **Primary Function** | Potentiometer Transmitter (Input to DC Output) |
| **Input Signal** | 100 $\Omega$ to 10 k$\Omega$ (Total Resistance) |
| **Output Signal** | 4 – 20 mA DC (Standard) |
| **Power Supply** | 24V DC (Operational range 24V ± 10%) |
| **Response Time** | $\leq$ 0.5 seconds (0 – 90%) |
| **Accuracy** | ±0.1% of span |
| **Mounting** | Surface or DIN Rail (Plug-in base) |
---
### 2. Detailed Component Features
#### A. Input Characteristics (Potentiometer)
The device detects the wiper position of a potentiometer. It provides a constant voltage across the potentiometer and measures the ratio of the wiper voltage to the total voltage, ensuring that the measurement is independent of the total resistance value (within the 100 $\Omega$ to 10 k$\Omega$ range).
#### B. Isolation Structure
This unit features **three-way isolation**. This means the electronic circuits for the **Input**, **Output**, and **Power Supply** are completely isolated from one another.
- **Benefit:** Prevents ground loops and protects sensitive PLC/DCS inputs from high-voltage surges or noise on the field side.
#### C. Calibration Adjustments
On the front panel, you will typically find two multi-turn trimming potentiometers:
1. **ZERO:** Adjusts the output to 4mA when the input is at 0%.
2. **SPAN:** Adjusts the output to 20mA when the input is at 100%.
---
### 3. Model Number Breakdown (M2XR2-6V2-R/CE)
| Code | Segment | Meaning |
|:---:|:---|:---|
| **M2** | Series | Mini-M Series Signal Conditioners |
| **XR2** | Function | Potentiometer Transmitter |
| **6** | Output | 1 – 5V DC (Standard Voltage Output) *Note: Verify suffix for current vs voltage* |
| **V2** | Input | 100 $\Omega$ to 10 k$\Omega$ |
| **R** | Power | 24V DC |
| **CE** | Compliance | CE Marking (European Conformity) |
---
### 4. Typical Connection Diagram
```text
[ FIELD SIDE ] [ CONTROL SIDE ]
Potentiometer PLC / Controller
+---(1) CW (4) [+] --- Out (+)
+---(2) Wiper <------------------> (5) [-] --- Out (-)
+---(3) CCW
[ POWER ]
(7) [+] --- 24V DC
(8) [-] --- 0V
```
- ⤷
How do I calibrate the Zero and Span for this specific model?
- ⤷ What are the common failure modes for potentiometer transmitters?
- ⤷ Can this unit be used with a 3-wire RTD instead of a potentiometer?