M2XR2-4V1-R
AI

The **M2XR2-4V1-R** is a specific part number typically associated with high-performance, compact **DC-DC Converter modules**, often used in industrial or telecommunications applications.
Below is a breakdown of its technical characteristics and electronic components.
---
## 1. Technical Specifications
The part is designed for high efficiency and high power density. Its primary function is to step down or regulate voltage for sensitive electronic components.
| Feature | Description |
| :--- | :--- |
| **Input Voltage Range** | Typically wide-range DC input (e.g., 18V - 36V or 36V - 75V) |
| **Output Voltage** | 4.1V or 4.0V (Varies by specific sub-series) |
| **Cooling** | Often relies on conduction cooling or forced air |
| **Mounting Type** | Through-hole or surface mount depending on package |
| **Protection Features** | Over-voltage, Over-current, and Thermal shutdown |
---
## 2. Key Electronic Components Inside
While the unit is a sealed or integrated module, its internal architecture consists of several critical stages:
### A. Power MOSFETs
The "heart" of the switching regulator. These act as high-speed electronic switches that toggle at hundreds of kilohertz (kHz) to manage energy flow with minimal heat loss.
### B. Magnetic Elements (Inductors/Transformers)
* **Power Inductor:** Used for energy storage during the switching cycle.
* **Isolation Transformer:** If the unit is an isolated converter, this provides galvanic isolation between the input and output stages for safety.
### C. Controller IC
A Pulse Width Modulation (PWM) controller that monitors the output voltage and adjusts the duty cycle of the MOSFETs to maintain a steady 4.1V, even if the input voltage fluctuates.
### D. Input/Output Capacitors
* **Input Capacitors:** Filter out high-frequency noise from the power source.
* **Output Capacitors:** Smooth the "ripple" from the switching process to provide clean DC power to the load.
---
## 3. Common Applications
Due to its reliability and specific voltage output, the M2XR2-4V1-R is commonly found in:
1. **Distributed Power Architectures (DPA):** Providing localized power to specific chips on a motherboard.
2. **FPGA/ASIC Powering:** These chips often require non-standard voltages (like 4V) for specific I/O rails.
3. **Network Infrastructure:** Used in routers and switches where high uptime is critical.
---
## 4. PIN Configuration (General Representation)
| Pin # | Function | Description |
| :--- | :--- | :--- |
| 1 | +Vin | Positive Input Voltage |
| 2 | -Vin | Negative Input (Ground) |
| 3 | Remote ON/OFF | Logic signal to enable/disable the module |
| 4 | +Vout | Positive Output Voltage |
| 5 | -Vout | Negative Output (Return) |
| 6 | Trim | Allows fine-tuning of the output voltage |
---
- ⤷
What is the maximum current rating for the M2XR2-4V1-R?
- ⤷ How do I use the 'Trim' pin to adjust the output voltage?
- ⤷ What are the recommended heat dissipation methods for this module?