M2XR2-1Z1-R
AI

The **M2XR2-1Z1-R** is a specific part number belonging to the **M2XR series** of professional-grade electronic rotary switches, typically manufactured by companies like **Copal Electronics (Nidec)**. These components are designed for high-reliability signal switching in compact electronic devices.
---
## Technical Specifications
The following table outlines the primary electronic and physical characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Rotary Switch (Sub-miniature) |
| **Circuit/Pole Configuration** | 1-Pole, 2-Position to 10-Position (varies by indexing) |
| **Switching Logic** | Real Code or Complementary (Binary/Decimal) |
| **Contact Rating** | 0.5VA Max / 28V DC Max |
| **Contact Resistance** | 200 mΩ Max |
| **Operating Temperature** | -25°C to +70°C |
| **Terminal Style** | PC Pin (Through-hole) |
---
## Key Electronic Parts & Components
### 1. Contact Mechanism
The internal contact points are usually **gold-plated**. Gold is used to prevent oxidation and ensure stable electrical conductivity over thousands of cycles, which is critical for low-voltage signal paths where even slight resistance can cause data errors.
### 2. Rotor and Stator
* **Rotor:** The moving part that the user turns. It contains a conductive bridge.
* **Stator:** The fixed base containing the circuit traces. As the rotor turns, it connects the common pin to specific output pins according to the encoding.
### 3. Housing (Dielectric)
The body is constructed from high-performance engineering plastics (such as PPS or LCP). These materials provide high insulation resistance between terminals and can withstand the heat of wave soldering.
### 4. Sealing (O-Ring)
The "R" in the suffix often denotes a **sealed construction**. An internal O-ring or epoxy seal protects the internal electronic contacts from flux, dust, and cleaning solvents during the PCB manufacturing process.
---
## Applications
These switches are commonly found in the following electronic environments:
* **Industrial Controls:** Setting device IDs or communication protocols.
* **Medical Equipment:** Mode selection in handheld diagnostic tools.
* **Telecommunications:** Configuring rack-mounted hardware parameters.
* **Test & Measurement:** Adjusting gain or range on oscilloscopes and multimeters.
---
- ⤷
What is the exact pinout diagram for the 1Z1 configuration?
- ⤷ Can this switch be used in surface mount (SMD) applications?
- ⤷ What are the differences between 'Real Code' and 'Complementary Code' in these switches?