công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2XR2-1V1-R/N

  • AI
    ## M2XR2-1V1-R/N: Technical Overview The **M2XR2-1V1-R/N** is a specific model within the **M2XR2 series** of high-performance plug-in signal conditioners, typically manufactured by **M-System** (now known as MG CO., LTD). These devices are used in industrial automation to convert, isolate, and transmit analog signals. --- ### 1. Key Technical Specifications The alphanumeric code represents specific configurations for the device. Below is a breakdown of its electronic characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Input Signal** | DC Voltage/Current | Configurable input (typically 4-20mA or 1-5V). | | **Output 1** | 1 – 5V DC | High-precision analog voltage output. | | **Output 2** | 1 – 5V DC | Dual-output configuration (redundant or parallel). | | **Power Input** | 24V DC | Standard industrial control power. | | **Accuracy** | ±0.1% | High linearity and low temperature drift. | | **Isolation** | 3-Way Isolation | Isolated between Input, Output, and Power. | | **Mounting** | Plug-in Base | Simplifies maintenance and replacement. | --- ### 2. Internal Electronic Components & Design The M2XR2 series utilizes a sophisticated internal circuit design to ensure signal integrity in electrically noisy environments: 1. **Input Conditioning Stage:** * **Precision Resistors:** Used for current-to-voltage conversion. * **Low-Pass Filtering:** Removes high-frequency noise from the incoming field signal. 2. **Galvanic Isolation:** * Uses **Optical Isolators** or **Magnetic Transformers** to prevent ground loops. This protects sensitive PLC/DCS inputs from high-voltage surges in the field. 3. **Signal Processing:** * An internal **Microprocessor or Analog Op-Amp chain** scales the input signal to the desired 1-5V range. 4. **Output Drivers:** * Low-impedance output buffers ensure the signal remains stable even when driving long cable lengths to the receiving instrument. --- ### 3. Terminal Connection Diagram (General) While you should always consult the specific wiring label on the side of the unit, the standard M2XR2 configuration follows this logic: ```text Input (+) ---- [Terminal 4] Input (-) ---- [Terminal 5] Output 1 (+) - [Terminal 1] Output 1 (-) - [Terminal 2] Output 2 (+) - [Terminal 3] Output 2 (-) - [Terminal 6] Power (+) ---- [Terminal 7] Power (-) ---- [Terminal 8] ``` --- ### 4. Application Use Case This part is primarily used in **Process Control Systems**. For example, it might take a 4-20mA signal from a Pressure Transmitter and provide two separate 1-5V signals: * **Output 1:** Sent to a Programmable Logic Controller (PLC) for logic control. * **Output 2:** Sent to a Paperless Recorder or Local Display for monitoring.
    ✨ Follow-up Questions
    • ⤷ What is the specific isolation voltage rating for the M2XR2-1V1-R/N?
    • ⤷ Can the input range of this unit be field-calibrated using a PC or DIP switches?
    • ⤷ What are the environmental temperature limits for operating this signal conditioner?