công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2XPA3-G3V2-R/N

  • AI
    The **M2XPA3-G3V2-R/N** is a specific variant of an industrial-grade **Solid State Drive (SSD)** or high-speed storage module, typically manufactured by companies like **Innodisk** or similar industrial flash storage providers. Below is a breakdown of its technical specifications and electronic components. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2280 (80mm length) | | **Interface** | PCIe Gen3 x4 (NVMe 1.3) | | **NAND Flash Type** | 3D TLC (Triple-Level Cell) | | **Capacity Range** | Typically 128GB to 2TB | | **Temperature Support** | Industrial (-40°C to +85°C) or Standard (0°C to +70°C) | | **Data Retention** | High-endurance with LDPC ECC | --- ### 2. Major Electronic Components The module consists of several critical integrated circuits (ICs) and passive components: #### A. The Controller The "brain" of the device. In this specific model series, it utilizes a high-performance **NVMe Controller**. * **Function:** Manages data flow between the PCIe interface and the NAND flash. * **Features:** Wear leveling, bad block management, and thermal throttling. #### B. 3D TLC NAND Flash The storage medium where data is physically kept. * **Structure:** Vertically stacked memory cells to increase density without increasing the physical footprint. * **Reliability:** Industrial variants often use high-P/E (Program/Erase) cycle NAND to ensure longevity in 24/7 operations. #### C. DRAM Buffer (Optional) Depending on the specific sub-model (indicated by the "R/N" suffix): * **DRAM-based:** Uses an external DDR3/DDR4 chip for mapping tables, resulting in faster random write speeds. * **DRAM-less:** Uses Host Memory Buffer (HMB) technology to reduce power consumption and cost. #### D. Power Management Integrated Circuit (PMIC) * **Function:** Regulates the 3.3V input from the M.2 slot into the various voltages required by the controller and NAND (often 1.8V and 1.2V). * **Protection:** Includes over-voltage and short-circuit protection. --- ### 3. Suffix Meaning (R/N) In industrial naming conventions: * **R:** Often signifies **Hardware Reset** capabilities or specific **Ruggedization** features (like conformal coating). * **N:** Often indicates the absence of certain features or a specific **Non-DRAM** configuration. ### 4. Special Features for Industrial Use * **LDPC ECC:** Low-Density Parity-Check error correction to prevent data corruption. * **Thermal Sensor:** Integrated sensor to monitor heat and trigger "Thermal Throttling" to prevent hardware failure. * **AES 256-bit Encryption:** Hardware-based security for data at rest. ---
    ✨ Follow-up Questions
    • ⤷ What is the MTBF (Mean Time Between Failures) for this specific SSD model?
    • ⤷ Does this model support AES-256 hardware encryption?
    • ⤷ Is this SSD compatible with standard consumer motherboards or only industrial PLCs?