AI

The **M2VT-D3-R2/K** refers to a high-performance signal conditioner/transmitter, typically manufactured by **M-System**. This specific model is a **Plug-in Temperature Transmitter** (Thermocouple input) belonging to the M2-UNIT series.
Below is the breakdown of its electronic specifications, architecture, and functional components.
---
## 1. Core Technical Specifications
The model code identifies the specific configuration of the electronic internals:
| Component | Specification | Description |
| :--- | :--- | :--- |
| **Input (T)** | Thermocouple | Supports various types (K, E, J, T, B, R, S, C). |
| **Output (D3)** | 4 – 20 mA DC | Standard industrial current loop output (Load resistance 750 $\Omega$ max). |
| **Power (R2)** | 11 – 27 V DC | Low voltage DC power requirement. |
| **Option (/K)** | Multi-channel/Special | Often denotes custom calibration or specific terminal coating. |
---
## 2. Internal Electronic Architecture
The device functions through a series of internal electronic stages to ensure signal integrity:
### A. Analog Input Stage
* **Cold Junction Compensation (CJC):** An internal thermistor or RTD measures the temperature at the terminal block to compensate for the voltage generated by the junction of the thermocouple wires and the copper terminals.
* **High Impedance Buffer:** Prevents loading effects on the thermocouple, ensuring accurate voltage sensing.
* **Burnout Protection:** A small current circuit detects if the thermocouple wire is broken (upscale or downscale burnout).
### B. Isolation Barrier
* **Three-Way Isolation:** The device provides electronic isolation between **Input**, **Output**, and **Power**.
* **Method:** Typically uses optoisolators or magnetic transformers to prevent ground loops and protect control systems from high-voltage surges (up to 2000V AC).
### C. Signal Conversion & Output
* **Linearization:** Thermocouple signals are non-linear. The internal circuitry applies a polynomial correction to ensure the 4-20mA output is linear to the actual temperature.
* **D/A Converter:** Converts the processed digital signal back into a precise analog current loop.
---
## 3. Physical & Connection Layout
The electronic interface is housed in a plug-in style case for DIN rail mounting.
| Terminal No. | Function | Description |
| :--- | :--- | :--- |
| **4 & 5** | Input (+) / (-) | Connection for the Thermocouple leads. |
| **1 & 2** | Output (+) / (-) | The 4-20mA signal sent to the PLC/DCS. |
| **7 & 8** | Power Supply | 24V DC (typical) power input. |
---
## 4. Key Electronic Features
* **Response Time:** Usually $\leq 0.5$ seconds (0 to 90%).
* **Accuracy:** $\pm 0.1\%$ of span (depends on the thermocouple type).
* **Temperature Coefficient:** $\pm 0.015\% / ^\circ C$, ensuring stability in changing cabinet environments.
* **Housing:** Flame-resistant resin (Black).
---
- ⤷
How do I configure the burnout direction for the M2VT-D3-R2/K?
- ⤷ What is the specific isolation voltage rating for the M2-Unit series?
- ⤷ Can this model be used with an RTD input instead of a thermocouple?