công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2VT-AD-R2/CE

  • AI
    The **M2VT-AD-R2/CE** is a high-performance, ultra-slim signal conditioner (transducer) manufactured by **M-System**. Its primary function is to convert a DC voltage input into a standard DC output signal, providing galvanic isolation between the input, output, and power source. --- ### 1. Key Technical Specifications The model name breaks down into specific electronic characteristics: | Feature | Specification | | :--- | :--- | | **Model Series** | M2VT (Ultra-slim Signal Conditioner) | | **Input** | Range (A): 0 – 10V DC (Standard) | | **Output** | Range (D): 4 – 20mA DC | | **Power Input** | R2: 110 – 240V AC | | **Certification** | CE Marking (European Conformity) | | **Isolation** | 3-way isolation (input to output to power) | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | --- ### 2. Core Electronic Components & Architecture The device is composed of several critical internal stages that ensure signal integrity: #### A. Input Conditioning Circuit * **High Impedance Buffer:** Ensures that the signal source (the sensor or PLC) is not loaded down, preventing voltage drops. * **Surge Protectors:** Protects the internal circuitry from voltage spikes on the input line. #### B. Isolation Transformer / Opto-isolators * **Galvanic Isolation:** Uses either optical or magnetic coupling to transfer the signal without a direct electrical connection. This prevents **ground loops** and protects sensitive control equipment from high-voltage surges. #### C. Power Supply Unit (PSU) * **Switch-Mode Power Supply (SMPS):** The "R2" designation indicates a wide-range AC power input. The internal PSU regulates this into stable DC voltages for the internal op-amps and converters. #### D. Output Driver * **Current Loop Generator:** Converts the processed signal into a precise 4-20mA current. It is designed to maintain accuracy regardless of the load resistance (up to a specific limit, typically 550Ω). --- ### 3. Physical & Connection Diagram The unit is designed for DIN rail mounting and features a compact 5.9mm width. ```text Terminal Connections (Typical): +-------+-------+ | (1) | (5) | <-- Input (+ / -) | (2) | (6) | +-------+-------+ | [M2VT] | +-------+-------+ | (3) | (7) | <-- Output (+ / -) | (4) | (8) | <-- Power Supply +-------+-------+ ``` ### 4. Application Advantages 1. **Signal Conversion:** Changing a 0-10V signal from a legacy sensor into a 4-20mA signal for a modern PLC. 2. **Noise Reduction:** By isolating the signal, it filters out electromagnetic interference (EMI) common in industrial environments. 3. **Space Efficiency:** The ultra-slim profile allows for high-density installation in control panels where space is premium. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance for the 4-20mA output on this model?
    • ⤷ Does the M2VT series support custom input ranges like 0-5V?
    • ⤷ How does 3-way isolation differ from 2-way isolation in signal conditioners?