M2VT-A11-R2/K
AI

The **M2VT-A11-R2/K** is a high-precision, plug-in type signal conditioner (transmitter) manufactured by **M-System** (now part of MG CO., LTD.). It is specifically designed to convert a V-Network (potentiometer) input into a standard DC output signal.
Below is a breakdown of its electronic specifications and technical features.
---
### 1. General Specifications
The model number can be decoded as follows:
* **M2VT:** Series identifier (Mini-M Series V-Network Transmitter).
* **A:** Input Type (Potentiometer).
* **1:** Output Type (4–20 mA DC).
* **1:** Power Input (24V DC).
* **R2:** Design/Version code.
* **K:** High-speed response option (optional).
### 2. Technical Data Table
| Feature | Specification |
| :--- | :--- |
| **Input Signal** | Potentiometer (100 $\Omega$ to 10 k$\Omega$) |
| **Output Signal** | 4 – 20 mA DC (Load resistance max. 550 $\Omega$) |
| **Power Supply** | 24V DC ($\pm$10%, ripple 10% p-p max) |
| **Accuracy** | $\pm$0.1% of span |
| **Temp. Coefficient** | $\pm$0.015% / °C |
| **Response Time** | Approx. 25 ms (0 to 90%) |
| **Isolation** | Input to Output to Power |
| **Housing Material** | Flame-resistant resin (Black) |
---
### 3. Electronic Components & Internal Functionality
The device operates using several key electronic stages:
#### A. Input Circuit (Potentiometer Interface)
* **Excitation Voltage:** The unit provides a constant voltage (typically around 0.5V DC) to the potentiometer.
* **Reference Bridge:** It measures the ratio of the wiper position rather than absolute resistance, which compensates for lead wire resistance and temperature shifts.
#### B. Signal Conditioning Stage
* **Zero/Span Adjustment:** Accessible via the front panel. These potentiometers allow fine-tuning of the 0% (Zero) and 100% (Span) points of the output signal.
* **Isolation Transformer:** Uses an internal high-frequency transformer to provide galvanic isolation (2000V AC) between the input, output, and power supply. This prevents ground loops and protects sensitive PLC/DCS inputs.
#### C. Output Drive Stage
* **Current Loop Driver:** Converts the processed signal into a regulated 4-20mA current. It is designed to maintain accuracy even if the load resistance fluctuates (up to 550 $\Omega$).
---
### 4. Wiring Diagram Representation
The unit uses a standard 8-pin socket base.
| Pin No. | Connection | Description |
| :---: | :--- | :--- |
| **1** | Output (+) | 4-20mA Signal |
| **2** | Output (-) | Signal Ground |
| **3** | Input (1) | Potentiometer High |
| **4** | Input (2) | Potentiometer Wiper |
| **5** | Input (3) | Potentiometer Low |
| **7** | Power (U) | +24V DC |
| **8** | Power (V) | 0V DC |
---
- ⤷
How do I calibrate the Zero and Span settings on the M2VT-A11-R2?
- ⤷ What is the difference between the standard model and the 'K' high-speed version?
- ⤷ Can this unit be used with a 100k ohm potentiometer?