M2VT-16A-R2/CE
AI

The **M2VT-16A-R2/CE** is a high-performance **Signal Conditioner (Isolator)** manufactured by **M-System**. It is part of the Mini-M series, designed to convert a DC input signal into a standard DC output signal while providing galvanic isolation.
Below is a detailed breakdown of its electronic components and technical specifications.
---
### 1. Technical Specifications
This device is primarily used in industrial automation to prevent ground loops and protect sensitive control systems (like PLCs) from electrical noise.
| Feature | Specification |
| :--- | :--- |
| **Model Series** | Mini-M (M2 Series) |
| **Input Type** | DC Voltage/Current (Configurable) |
| **Output Type** | DC Voltage/Current |
| **Power Input** | 24V DC |
| **Isolation** | 3-Way (Input to Output to Power) |
| **Isolation Strength** | 2000V AC @ 1 minute |
| **Response Time** | ≤ 0.5 seconds (0 – 90%) |
| **Accuracy** | ±0.1% of span |
---
### 2. Key Electronic Components & Design
The M2VT-16A-R2/CE utilizes a sophisticated internal architecture to ensure signal integrity:
#### A. Signal Isolation Barrier
* **Optoisolators/Transformers:** The "16A" indicates high-grade isolation components that physically separate the input circuit from the output and power supply. This prevents high-voltage surges from traveling through the signal line.
* **Galvanic Separation:** Uses a 3-way isolation scheme, meaning the Input, Output, and Power circuits are all independent.
#### B. Signal Processing Circuitry
* **Operational Amplifiers (Op-Amps):** High-precision, low-drift amplifiers are used to scale the input signal accurately without introducing thermal noise.
* **A/D and D/A Converters:** In digital versions of these conditioners, microprocessors handle the linear conversion of the signal.
#### C. Power Management
* **Switching Regulator:** Internally converts the 24V DC input into stable internal voltages.
* **Protection Diodes:** Includes reverse polarity protection and surge suppression to protect the internal electronics from wiring errors.
---
### 3. Connection Diagram (Standard Pinout)
The device is a plug-in type, usually mounting onto a base socket.
```text
Terminal | Function
---------|------------------
1 | Input (+)
2 | Input (-)
3 | Output (+)
4 | Output (-)
5 | Power (+) 24V DC
6 | Power (-) 0V
```
---
### 4. Certification: "CE" Marking
The **CE** suffix indicates that the electronic components comply with European safety and EMC (Electromagnetic Compatibility) standards:
* **EN 61000-6-4:** Emission standards for industrial environments.
* **EN 61000-6-2:** Immunity standards for industrial environments.
- ⤷
What are the specific input and output range options for the M2VT series?
- ⤷ How does 3-way isolation differ from 2-way isolation in signal conditioners?
- ⤷ What is the mounting style for the M2VT-16A-R2/CE?