công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2VT-161-R/Q

  • AI
    The **M2VT-161-R/Q** is a high-precision, slim-type **Isolator/Signal Conditioner** manufactured by **M-System**. It is designed to convert and isolate DC input signals into standard DC output signals for industrial automation and control systems. --- ### 1. Key Technical Specifications The "R" and "Q" suffixes in the model name typically denote the power supply and special options. | Feature | Specification | | :--- | :--- | | **Input Signal** | 4 – 20 mA DC | | **Output Signal** | 1 – 5 V DC | | **Power Supply (R)** | 24V DC | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Mounting** | DIN Rail Mounting | | **Response Time** | ≤ 0.5 seconds (0 to 90%) | | **Accuracy** | ±0.1% of span | --- ### 2. Internal Electronic Components & Functions The device is composed of several critical electronic stages that ensure signal integrity: 1. **Input Conditioning Stage:** Uses precision shunt resistors to convert the 4-20mA current loop into a voltage signal. It often includes protection diodes to prevent damage from polarity reversal. 2. **Isolation Barrier (The Core):** This part uses **Optocouplers** or **Magnetic Transformers**. By converting the electrical signal into light or magnetic flux and back again, it breaks the direct electrical path. This prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges. 3. **Signal Conversion (Operational Amplifiers):** High-linearity Op-Amps are used to scale the signal from the input range to the 1-5V output range while maintaining low drift and high thermal stability. 4. **Power Regulation:** Internal DC-DC converters ensure that the internal circuitry receives stable power, regardless of fluctuations in the 24V DC supply. --- ### 3. Application Use Cases * **Ground Loop Elimination:** Used when the sensor ground and the controller ground are at different potentials. * **Signal Conversion:** Converting a current-based sensor (4-20mA) to a voltage-based input card (1-5V). * **Equipment Protection:** Acting as a "buffer" to ensure that a failure in the field instrument does not destroy the central control system. --- ### 4. Circuit Connection Block Diagram ```mermaid graph LR A[4-20mA Input] --> B[Isolation Barrier] B --> C[1-5V Output] D[24V DC Power] --> B ```
    ✨ Follow-up Questions
    • What is the difference between the 'R' and 'M' power supply codes for this series?
    • How do you calibrate the zero and span adjustments on the M2VT-161?
    • Can this unit be used with a 2-wire transmitter that requires loop power?