M2VT-12-R/K
AI

The **M2VT-12-R/K** is a high-performance **Signal Conditioner** (specifically a Potentiometer Transmitter) from the **M2-Series** manufactured by **M-System** (now MG CO., LTD.).
Its primary function is to detect the position of a potentiometer (resistance) and convert it into a standard isolated DC signal.
---
### 1. Model Breakdown
The suffix/model code defines the specific hardware configuration of the unit:
| Code Segment | Description | Details |
| :--- | :--- | :--- |
| **M2VT** | Model Name | Potentiometer Transmitter |
| **12** | Input Range | Total resistance 100 $\Omega$ to 10 k$\Omega$ |
| **R** | Output Type | 4 – 20 mA DC (Load resistance 550 $\Omega$ max.) |
| **K** | Power Supply | 85 – 132 V AC (47 – 66 Hz) |
---
### 2. Electronic Components & Internal Design
This device is built using industrial-grade electronic architecture designed for reliability and noise immunity:
* **Front-End Excitation Circuit:**
* Provides a constant voltage to the potentiometer.
* Designed to sense the "wiper" position without loading the circuit (high input impedance).
* **Isolation Transformer:**
* Provides **three-way isolation** (Input to Output to Power).
* Typically rated for 2000V AC isolation to prevent ground loops and protect downstream PLC/DCS systems.
* **Signal Processing (Analog/Digital Hybrid):**
* Contains high-precision Op-Amps for zero and span adjustment.
* Utilizes a reference voltage source to ensure temperature stability.
* **Power Supply Module:**
* An internal switching or linear regulator (depending on age/revision) that converts the 100V AC input into stable DC rails for internal logic.
---
### 3. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Input Signal** | Potentiometer (3-wire); Total resistance 100 $\Omega$ – 10 k$\Omega$ |
| **Minimum Span** | 10% of total resistance |
| **Output Signal** | 4 – 20 mA DC |
| **Accuracy** | ±0.1% of span |
| **Temp. Coefficient** | ±0.015% per °C (±0.008% per °F) |
| **Response Time** | $\leq$ 0.5 seconds (0 – 90%) |
| **Housing Material** | Flame-resistant resin (Black) |
---
### 4. Wiring and Terminal Layout
The unit uses a **plug-in socket base** (usually the M2BS), allowing the electronic module to be replaced without disconnecting wires.
1. **Terminals 1, 2, 3:** Input from Potentiometer (CW, Wiper, CCW).
2. **Terminals 4, 5:** Output (+ / -).
3. **Terminals 6, 7:** Power Supply Input.
---
### 5. Adjustments
The electronic faceplate typically features two multi-turn potentiometers (trimmers):
* **ZERO:** Adjusts the 4mA point (typically ±5%).
* **SPAN:** Adjusts the 20mA point (typically ±5%).
- ⤷
What is the difference between the M2VT-12-R/K and the M2VT-12-R/M version?
- ⤷ How do I calibrate the zero and span settings on this specific model?
- ⤷ Can this signal conditioner handle input resistance values higher than 10k ohms?