công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2VS-BD-R2SLASHCE

  • AI
    Based on the technical designation provided, the **M2VS-BD-R2/CE** is a high-performance, compact Signal Conditioner (Isolator) manufactured by **M-System** (now part of MG CO., LTD). It is part of the Mini-M series, designed to convert and isolate DC input signals into standardized DC output signals. ### 1. Technical Specifications Overview | Feature | Specification | | :--- | :--- | | **Model Series** | Mini-M Series (M2VS) | | **Input Signal** | 4 – 20 mA DC | | **Output Signal** | 4 – 20 mA DC | | **Power Supply** | 24V DC (R2 designation) | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Accuracy** | ±0.1% | | **Standards** | CE Marking (CE designation) | --- ### 2. Breakdown of the Model Code The alphanumeric string describes the specific hardware configuration of the unit: * **M2VS**: The base model for a **Signal Conditioner** (specifically a linear isolator). * **BD**: * **B**: Input is 4 – 20 mA DC. * **D**: Output is 4 – 20 mA DC. * **R2**: Indicates the power requirement is **24V DC**. * **CE**: Confirms the unit complies with European safety and electromagnetic compatibility standards. --- ### 3. Key Electronic Components & Internal Functions The device functions through three primary electronic stages: 1. **Input Stage (Signal Conditioning):** Consists of a precision shunt resistor to convert the 4-20mA current into a voltage, followed by an operational amplifier (Op-Amp) for filtering and scaling. 2. **Isolation Barrier:** Utilizes a **Transformer-coupled isolation** or **Opto-coupler** circuit. This prevents electrical noise, ground loops, and high-voltage surges from traveling from the field sensors to the PLC/DCS. 3. **Output Stage (Drive Circuit):** A constant-current circuit that ensures the output remains stable at 4-20mA regardless of the load resistance (up to 550 $\Omega$). --- ### 4. Installation & Wiring The unit typically mounts on a **DIN rail** and uses a plug-in base for easy maintenance. | Terminal | Function | | :--- | :--- | | **Input (+ / -)** | Connection to the transmitter or sensor. | | **Output (+ / -)** | Connection to the controller (PLC, DCS). | | **Power (+ / -)** | 24V DC Source. | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance supported by the M2VS-BD-R2 output?
    • ⤷ How does 3-way isolation differ from 2-way isolation in this model?
    • ⤷ What are the specific environmental temperature limits for this signal conditioner?