công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2VS-BD-R2/CE

  • AI
    The **M2VS-BD-R2/CE** is a high-performance **Super-Mini Signal Conditioner** (specifically a Potentiometer Transmitter) manufactured by **M-System**. It is designed to measure a potentiometer's position and convert it into a standard DC output signal. --- ## 1. Core Technical Specifications | Component Feature | Specification | | :--- | :--- | | **Model Series** | M2V Series (Super-mini Signal Conditioners) | | **Input Signal** | Potentiometer (Total resistance 100 $\Omega$ – 10 k$\Omega$) | | **Output Signal** | 4 – 20 mA DC (Current) or 0 – 10V DC (Voltage) | | **Power Input** | 24V DC | | **Isolation** | 3-way isolation (Input, Output, Power) | | **Accuracy** | ±0.1% of span | --- ## 2. Key Electronic Components & Functions ### A. Input Stage (Potentiometer Interface) The device applies a constant reference voltage across the potentiometer. The "wiper" position determines the voltage ratio, which the M2VS processes. * **Reference Voltage:** Provides a stable excitation voltage to the external potentiometer. * **Burnout Protection:** Includes circuitry to detect if the potentiometer wire breaks (usually driving the output to a specific high or low safety limit). ### B. Signal Conditioning (Processing) The "BD" in the model name typically refers to the configuration of the range and characteristics. * **Zero/Span Adjustments:** Located on the front panel, these allow for precise calibration of the 0% and 100% points. * **Isolation Barrier:** Uses optical or magnetic coupling to ensure there is no electrical path between the high-noise field input and the sensitive PLC/DCS output. ### C. Output Stage The processed signal is converted into a linear DC output. * **Operational Amplifiers (Op-Amps):** Used to scale the signal to the desired industrial standard (e.g., 4-20mA). * **Protection:** Integrated surge protectors to prevent damage from back-EMF or voltage spikes. --- ## 3. Physical & Installation Features * **Mounting:** Designed for **DIN rail** mounting, allowing for high-density installation in control panels. * **Connection:** Uses a **M3 screw terminal** base socket. The main unit can be removed from the base without disturbing the wiring (Plug-in structure). * **CE Marking:** The "/CE" suffix indicates the unit is compliant with European EMC and Safety directives (EN 61000-6-4 and EN 61000-6-2). --- ## 4. Wiring Diagram (Simplified) ```text [ POTENTIOMETER ] [ M2VS-BD-R2/CE ] [ RECEIVING INSTRUMENT ] (Field Device) (Signal Conditioner) (PLC / Controller) Terminal 1 <--------------> Pin 1 (Ref) Terminal 2 (Wiper) <------> Pin 2 (In) [OUT] ----> (+) Input Terminal 3 <--------------> Pin 3 (Com) [OUT] ----> (-) Input [PWR] <--------- 24V DC ```
    ✨ Follow-up Questions
    • ⤷ What are the specific zero and span adjustment ranges for this model?
    • ⤷ Can this unit be configured for a reverse-acting output signal?
    • ⤷ What is the dielectric strength rating for the 3-way isolation?