M2VS-AA-R2
AI

The **M2VS-AA-R2** is a specific model of an **Ultra-Slim Signal Conditioner** manufactured by **M-System**. It is designed to convert an analog DC input signal into an isolated analog DC output signal.
---
## 1. Technical Specifications
The model code `M2VS-AA-R2` breaks down into specific electronic configurations:
| Segment | Code | Description |
| :--- | :--- | :--- |
| **Model** | M2VS | Ultra-slim Signal Conditioner (Isolator) |
| **Input** | A | 4 – 20 mA DC |
| **Output** | A | 4 – 20 mA DC |
| **Power Supply** | R | 24V DC |
| **Standards** | 2 | CE marking (compliant) |
---
## 2. Key Electronic Features
### Signal Isolation
The device provides **3-way isolation**. This means the **Input**, **Output**, and **Power Supply** circuits are all electrically independent.
* **Isolation Resistance:** $\ge$ 100 M$\Omega$ with 500V DC.
* **Dielectric Strength:** 2000V AC @ 1 minute (between all terminals).
### Performance Metrics
* **Accuracy:** $\pm$0.1% of span.
* **Response Time:** $\le$ 0.5 seconds (0 – 90%).
* **Temperature Coefficient:** $\pm$0.015% per °C ($\pm$0.008% per °F).
* **Load Resistance:** Up to 550 $\Omega$ for the 4-20mA output.
---
## 3. Physical & Installation Parts
The unit is designed for industrial environments where cabinet space is limited.
* **Housing:** Flame-resistant resin (Black).
* **Mounting:** DIN rail mounting.
* **Adjustments:**
* **Zero Adjustment:** -5 to +5% (Front accessible).
* **Span Adjustment:** 95 to 105% (Front accessible).
* **Status Indicator:** Green LED turns on when power is supplied.
---
## 4. Connection Diagram (General)
```text
[Terminals]
1 - 2 : Output (+) / (-)
3 - 4 : Input (+) / (-)
5 - 6 : Power Supply (24V DC)
```
- ⤷
What is the maximum power consumption for the M2VS-AA-R2?
- ⤷ Can the input/output ranges be field-reconfigured?
- ⤷ What are the environmental operating temperature limits for this device?