M2VS-A1D-R2/N
AI

The **M2VS-A1D-R2/N** is a high-performance **Signal Conditioner (Isolator)** manufactured by **M-System**. It is part of the Mini-M series, designed to convert an analog input signal into a standard DC output signal while providing galvanic isolation.
Below is a detailed breakdown of its electronic specifications and technical features.
---
### 1. Model Code Breakdown
The model number specifies the exact electronic configuration of the unit:
| Code Segment | Feature | Description |
| :--- | :--- | :--- |
| **M2VS** | Model Series | Mini-M Series Signal Conditioner (Soft-transmission) |
| **A** | Input | 4 – 20 mA DC |
| **1** | Output | 0 – 10 mV DC |
| **D** | Power Input | 24V DC |
| **R2** | Mounting/Connection | Plug-in base (Standard) |
| **N** | Option | None (Standard configuration) |
---
### 2. Key Electronic Specifications
The internal electronics are designed for industrial precision and durability.
#### **Input & Output Parameters**
* **Input Resistance:** 250 $\Omega$ (Standard for 4-20mA current loop).
* **Output Resistance:** 100 $\Omega$ minimum (Voltage output).
* **Accuracy:** $\pm$0.1% of span.
* **Response Time:** $\le$ 0.5 seconds (0 to 90%).
#### **Power & Isolation**
* **Power Supply:** 24V DC ($\pm$10% ripple).
* **Current Consumption:** Approx. 30 mA.
* **Isolation Structure:** 3-way isolation (Input to Output to Power).
* **Isolation Resistance:** 100 M$\Omega$ minimum at 500V DC.
* **Dielectric Strength:** 2000V AC @ 1 minute (Input to output to power to ground).
---
### 3. Electronic Components & Physical Design
The unit utilizes a plug-in structure, making it easy to replace without disconnecting the wiring from the base.
* **Front Panel Adjustments:**
* **Zero Adjustment:** $\pm$5% (accessible via a small potentiometer on the front).
* **Span Adjustment:** $\pm$5% (accessible via a small potentiometer on the front).
* **LED Indicator:** A power LED is typically present to indicate the status of the DC power supply.
* **Housing Material:** Flame-resistant resin (Black).
---
### 4. Application Context
The M2VS-A1D-R2/N is electronically engineered to bridge the gap between a standard industrial sensor (like a pressure transmitter sending 4-20mA) and a specialized data acquisition system or PLC that requires a low-voltage (0-10mV) input. It prevents ground loops and protects sensitive equipment from high-voltage surges through its isolation barrier.
- ⤷
What are the wiring diagrams for the input and output terminals?
- ⤷ How do I perform the zero and span calibration on this specific model?
- ⤷ Is there a version of this module that supports a 110V AC power supply?