M2VS-A1D-R2
AI

The **M2VS-A1D-R2** is a high-performance, ultra-slim signal conditioner (transducer) manufactured by **M-System**. It is designed to convert a DC input signal into a standard isolated DC output signal.
---
### 1. General Specifications
This device is part of the M2V series, known for its compact design and high reliability in industrial automation.
| Feature | Specification |
| :--- | :--- |
| **Model Number** | M2VS-A1D-R2 |
| **Main Function** | DC Voltage/Current Isolator (Signal Conditioner) |
| **Construction** | Small-profile, terminal block style |
| **Isolation** | 3-way isolation (input to output to power) |
| **Mounting** | DIN rail mounting |
---
### 2. Model Code Breakdown
The suffix codes determine the specific electronic characteristics of the unit:
| Code | Component | Description |
| :--- | :--- | :--- |
| **A** | **Input** | 4 – 20 mA DC |
| **1** | **Output** | 0 – 10 V DC |
| **D** | **Power Input** | 24 V DC |
| **R2** | **Design/Option** | Specific revision or standard performance series |
---
### 3. Electronic Characteristics
#### **Input & Output Precision**
* **Accuracy:** Typically ±0.1% of span.
* **Temperature Coefficient:** ±0.015% per degree Celsius.
* **Response Time:** ≤ 0.5 seconds (0 to 90%).
* **Load Resistance:** For the voltage output (0-10V), the load resistance must be $10k\Omega$ or greater.
#### **Isolation and Power**
* **Dielectric Strength:** 2000V AC @ 1 minute (input to output to power to ground).
* **Power Consumption:** Approx. 0.8W at 24V DC.
* **Insulation Resistance:** 100 $M\Omega$ or more with 500V DC.
---
### 4. Terminal Connections
The device features a specific wiring layout for electronic integration:
| Terminal No. | Assignment | Description |
| :--- | :--- | :--- |
| **1 - 2** | Output (+) / (-) | 0 - 10V DC Signal |
| **3 - 4** | Input (+) / (-) | 4 - 20mA Source |
| **5 - 6** | Power (+) / (-) | 24V DC Supply |
---
### 5. Application Use-Case
The **M2VS-A1D-R2** is commonly used to:
1. **Eliminate Ground Loops:** By providing 3-way isolation, it prevents electrical noise and potential differences between a PLC and a field sensor.
2. **Signal Conversion:** Converting a current loop (mA) from a sensor into a voltage signal (V) for older controllers or data loggers.
3. **Signal Boosting:** Ensuring the integrity of a signal over long-distance wiring.
- ⤷
What is the maximum allowable input current for the M2VS-A1D-R2?
- ⤷ Can this model be used with a 110V AC power supply?
- ⤷ How does 3-way isolation differ from 2-way isolation in this device?