M2VS-1B-R2/N
AI

The **M2VS-1B-R2/N** is a specific model of an **Ultra-Slim Signal Conditioner** (Isolator) manufactured by **M-System**. Its primary function is to receive a DC voltage input and provide an isolated DC voltage output, typically used in industrial automation to prevent ground loops and protect sensitive equipment.
---
### 1. Model Code Breakdown
Understanding the electronic capabilities requires decoding the specific model suffix:
| Code Segment | Description | Specification |
| :--- | :--- | :--- |
| **M2VS** | Series Name | Ultra-Slim Signal Conditioner (Mini-M Series) |
| **1** | Input Type | 0 – 10V DC |
| **B** | Output Type | 2 – 10V DC |
| **R2** | Power Input | 24V DC (Range: 24V ± 10%) |
| **N** | Standards/Options | No special standard (Standard industrial spec) |
---
### 2. Key Electronic Specifications
The internal circuitry is designed for high precision and signal integrity in noisy environments.
* **Isolation Structure:** 3-way isolation (Input to Output to Power).
* **Isolation Voltage:** 2000V AC @ 1 minute (Input to Output to Power to Ground).
* **Response Time:** $\leq$ 0.5 seconds (0 – 90%).
* **Accuracy:** $\pm$0.1% of span.
* **Temperature Coefficient:** $\pm$0.015% / °C.
* **Input Resistance:** 1 M$\Omega$ minimum.
* **Load Resistance:** 2 k$\Omega$ minimum for voltage output.
---
### 3. Connection Diagram (Terminal Blocks)
The device utilizes a plug-in socket base for easy maintenance.
| Terminal No. | Function | Description |
| :--- | :--- | :--- |
| **1** | Output (+) | 2 – 10V DC Positive |
| **2** | Output (-) | 2 – 10V DC Negative |
| **3** | Power (U+) | 24V DC Positive |
| **4** | Power (V-) | 24V DC Negative |
| **5** | Input (+) | 0 – 10V DC Positive |
| **6** | Input (-) | 0 – 10V DC Negative |
---
### 4. Circuit Protection Features
The electronic design includes several layers of hardware protection:
* **Surge Protector:** Built-in protection against voltage spikes on the power and signal lines.
* **Reverse Polarity Protection:** Prevents damage if the 24V DC power is wired backwards.
* **Optical/Magnetic Coupling:** Used to achieve the 2000V AC isolation barrier between the primary and secondary circuits.
- ⤷
What is the wiring procedure for testing the 0-10V input accuracy?
- ⤷ Can this model be mounted on a standard DIN rail?
- ⤷ What are the environmental temperature limits for this signal conditioner?