M2VS-161-R2/N
AI

The **M2VS-161-R2/N** is a specific model of a **Miniature Potentiometer Transmitter** (or signal conditioner) manufactured by **M-System**. It is designed to interface with a potentiometer and convert its resistance position into a standard analog signal for industrial control systems.
---
### 1. Core Specifications
Below are the primary electronic characteristics of this specific model:
| Feature | Specification |
| :--- | :--- |
| **Input Type** | Potentiometer (Total resistance: 100 $\Omega$ to 10 k$\Omega$) |
| **Output Type** | 4 – 20 mA DC (Current Loop) |
| **Power Input** | 24V DC |
| **Accuracy** | ±0.1% of span |
| **Response Time** | $\leq$ 0.5 seconds (0 – 90%) |
| **Housing** | Plug-in socket type |
---
### 2. Electronic Component Functionality
The device consists of several critical internal circuits that handle signal processing:
#### A. Excitation Circuit
The transmitter applies a constant reference voltage (usually around 0.5V to 1.0V) across the potentiometer. As the wiper moves, the voltage ratio changes. This circuit is designed to be high-precision to ensure that fluctuations in the power supply do not affect the measurement accuracy.
#### B. Signal Conditioning & Amplification
Since the output of a potentiometer can be noisy or weak, the internal electronics include:
* **Operational Amplifiers (Op-Amps):** Used to buffer the wiper voltage to prevent loading errors.
* **Linearization:** Ensures the mechanical movement of the pot is mapped linearly to the 4-20mA signal.
#### C. Isolation (Galvanic Separation)
The "/N" in many M-System codes or the standard M2V series architecture usually implies a level of isolation:
* **Input-to-Output Isolation:** Protects the control system (PLC/DCS) from ground loops or electrical surges originating at the field sensor.
* **Power Isolation:** Prevents power supply noise from interfering with the analog signal.
---
### 3. Wiring and Pin Configuration
The M2VS-161-R2/N typically uses an 8-pin or 11-pin base. The electronic connections are categorized as follows:
1. **Potentiometer Terminals:**
* **High (CW):** Top of the resistor.
* **Low (CCW):** Bottom of the resistor.
* **Wiper (S):** The moving contact.
2. **Output:** Terminals for the 4-20mA loop.
3. **Power:** Positive and Negative 24V DC terminals.
---
### 4. Adjustments (Trim Pots)
On the front or side of the electronic module, you will find two small potentiometers for calibration:
* **ZERO:** Adjusts the output to exactly 4mA when the potentiometer is at its minimum position.
* **SPAN:** Adjusts the output to exactly 20mA when the potentiometer is at its maximum position.
- ⤷
How do I wire a 3-wire potentiometer to the M2VS-161-R2/N?
- ⤷ What is the maximum load resistance supported by the 4-20mA output?
- ⤷ How does the /N suffix specifically change the hardware configuration compared to the standard model?