công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2VS-151-R2/CE

  • AI
    The **M2VS-151-R2/CE** is a high-performance **Mini-M series signal conditioner** (isolator) manufactured by **M-System**. Its primary function is to accept a DC voltage input and provide an isolated DC output, typically used to prevent ground loops and protect control systems in industrial environments. --- ## 1. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Model Type** | Ultra-slim Signal Conditioner (Mini-M Series) | | **Input Signal** | 1 – 5V DC | | **Output Signal** | 4 – 20mA DC | | **Power Input (R2)** | 100 – 240V AC | | **Isolation** | 3-way (Input to Output to Power) | | **Accuracy** | ±0.1% of span | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Mounting** | DIN Rail Mounting | | **Standards** | CE Marking compliant | --- ## 2. Key Electronic Components & Design ### A. Input Section The input stage uses a high-impedance circuit to ensure minimal loading on the source sensor. For the **"151"** configuration: * **Input Impedance:** Typically 1 MΩ minimum. * **Filtering:** Built-in low-pass filters to reject high-frequency noise and 50/60Hz interference. ### B. Isolation Barrier The "CE" version features robust galvanic isolation. This is usually achieved via: * **Optical Couplers or Transformers:** These components physically separate the input, output, and power circuits, preventing surge damage and eliminating common-mode noise. * **Dielectric Strength:** Usually rated for 2000V AC for 1 minute. ### C. Power Supply (R2) The **R2** designation indicates a universal AC power module: * **Switching Regulator:** An internal high-efficiency AC/DC converter that handles a wide range of input voltages (100–240V AC) while maintaining stable internal DC rails. --- ## 3. Terminal Connection Map | Terminal No. | Function | Description | | :--- | :--- | :--- | | **1** | Output (+) | 4 – 20mA Positive | | **2** | Output (-) | 4 – 20mA Negative | | **3** | Input (+) | 1 – 5V DC Positive | | **4** | Input (-) | 1 – 5V DC Negative | | **5** | Power (L) | 100 – 240V AC Line | | **6** | Power (N) | 100 – 240V AC Neutral | --- ## 4. Application Use Case This device is commonly found in PLC (Programmable Logic Controller) cabinets. If a field sensor sends a 1-5V signal that is susceptible to electrical noise or "ground loops" (voltage differences between the sensor ground and the PLC ground), the **M2VS-151** cleans the signal, converts it to a more robust 4-20mA current loop, and protects the PLC's sensitive input cards from high-voltage spikes.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the zero and span on the M2VS-151?
    • ⤷ What is the difference between the M2VS and the M2RS series?
    • ⤷ Can this unit be powered by 24V DC instead of AC?