M2VS-13-R/N
AI

The **M2VS-13-R/N** is a high-performance **Signal Conditioner (Isolator)** manufactured by **M-System**. It is part of the Mini-M series, designed to convert a DC input signal into a standard process output signal while providing galvanic isolation.
---
## 1. Technical Specifications
The "M2VS-13-R/N" model code defines specific electrical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Model Series** | M2VS (Mini-M Signal Conditioner) |
| **Input (1)** | 0 – 10V DC |
| **Output (3)** | 0 – 1V DC |
| **Power Input (R)** | 24V DC |
| **Option (N)** | None (Standard configuration) |
| **Isolation** | Input to output to power |
| **Construction** | Plug-in structure |
---
## 2. Key Internal Electronic Components
The device functions through three primary electronic stages:
### A. Input Stage
* **Voltage Divider/Buffer:** High-impedance circuitry that scales the 0-10V input without loading the source signal.
* **Surge Protection:** Includes Zener diodes or varistors to protect against voltage spikes.
### B. Isolation Barrier
* **Optical or Magnetic Isolator:** This is the core component. It uses an optocoupler or a transformer-based magnetic coupling to transfer the signal without a direct electrical connection.
* **Purpose:** Prevents ground loops and protects sensitive control systems (like a PLC) from field-side electrical noise.
### C. Output Stage
* **Operational Amplifiers (Op-Amps):** Precise amplifiers scale the isolated signal to the 0-1V range.
* **Zero/Span Adjustment:** Potentiometers located on the front panel allow for fine-tuning the electronic calibration ($\pm 5\%$).
---
## 3. Physical & Installation Features
* **Wiring:** Uses a M3 screw terminal base.
* **LED Indicator:** A power indicator LED on the front confirms the internal DC-DC converter is functioning.
* **Housing:** Flame-resistant resin (black).
---
## 4. Signal Conversion Logic
The relationship between input and output for this specific model is linear:
| Input (V DC) | Output (V DC) |
| :--- | :--- |
| 0V | 0V |
| 5V | 0.5V |
| 10V | 1.0V |
---
- ⤷
What is the isolation voltage rating for the M2VS series?
- ⤷ Can the output signal range be changed manually via internal jumpers?
- ⤷ How do I wire the 24V DC power supply to this specific model?