AI

The **M2VF2-B1-R2/UL** is a high-precision, plug-in type signal conditioner (transmitter) manufactured by **M-System** (now part of MG CO., LTD). It is specifically designed to convert a variable frequency pulse signal into a standard analog DC output.
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Primary Function** | Frequency-to-DC Converter (V-to-I/V-to-V) |
| **Model Series** | Mini-M Series (Plug-in base) |
| **Input Signal** | Pulse (Dry contact, Open collector, or Voltage pulse) |
| **Output Signal** | 4 – 20 mA DC (Standard for R2 suffix) |
| **Power Supply** | 24V DC |
| **Response Time** | Max. 0.5 sec (0 – 90%) |
| **Accuracy** | ±0.1% of span |
| **Certifications** | UL/C-UL recognized, CE Marking |
---
### 2. Functional Electronic Components
The device utilizes a sophisticated circuit architecture to ensure signal isolation and linear conversion:
* **Input Pulse Shaper:** Filters noise and converts varying pulse shapes (square, sine, etc.) into a uniform internal trigger signal.
* **Microprocessor-based Logic:** Calculates the frequency based on the time interval between pulses. This digital approach ensures higher accuracy compared to older analog "charge pump" methods.
* **Isolation Barrier:** Uses optical or magnetic isolation to separate the input, output, and power circuits (3-way isolation). This prevents ground loops and protects the PLC/DCS from surges.
* **D/A Converter & Output Buffer:** Converts the processed digital value back into a precise analog current (4-20mA) or voltage signal.
---
### 3. Model Suffix Breakdown
The specific nomenclature `M2VF2-B1-R2/UL` defines its internal hardware configuration:
* **M2VF2:** Model number for Frequency Transmitter.
* **B:** Input code (Specific frequency range, e.g., 0 – 100 Hz or as specified).
* **1:** Output code (Typically 4 – 20 mA DC).
* **R2:** Power Input (24V DC).
* **UL:** Indicates the unit meets UL/C-UL safety standards for the North American market.
---
### 4. Connection Diagram (General)
```mermaid
graph LR
A[Pulse Sensor] -->|Frequency In| B(M2VF2 Converter)
B -->|4-20mA Out| C[PLC / Controller]
D[24V DC Power] --> B
```
- ⤷
What is the specific input frequency range supported by the 'B' configuration?
- ⤷ How do you calibrate the Zero and Span on this specific model?
- ⤷ Can this unit handle high-voltage pulse inputs from magnetic pickups?