công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2VF2-A4W-R2/CE

  • AI
    Based on the part number provided, this device belongs to the **M2V series of signal conditioners** manufactured by **M-System (now MG CO., LTD)**. Specifically, this is a compact, plug-in type signal transmitter. --- ## Technical Specifications Breakdown The alphanumeric code `M2VF2-A4W-R2/CE` identifies specific hardware configurations and input/output parameters: | Code Segment | Description | Specific Detail | | :--- | :--- | :--- | | **M2VF2** | Model Series | Ultra-slim Signal Conditioner (V-Unit) | | **A** | Input Signal | 4 – 20 mA DC | | **4W** | Output Signal | 4 – 20 mA DC (High-impedance/Active) | | **R2** | Power Input | 24V DC | | **CE** | Standards | CE marking compliance (European Conformity) | --- ## Electronic Features & Functionality ### 1. Signal Isolation One of the primary electronic functions of this part is **Galvanic Isolation**. It provides a 3-way isolation (Input to Output to Power), which prevents ground loops and protects sensitive control equipment (like PLCs) from high-voltage surges or noise interference. ### 2. Operational Parameters * **Accuracy:** Typically within ±0.1% of the span. * **Response Time:** Generally ≤ 0.5 seconds (0 – 90%). * **Temperature Coefficient:** ±0.015%/°C (±0.008%/°F). * **Isolation Resistance:** 100 MΩ or more with 500V DC. ### 3. Construction & Hardware * **Plug-in Structure:** The electronic components are housed in a module that can be removed from its base without disconnecting the wiring. * **Front Panel Controls:** Usually features **ZERO** and **SPAN** adjustments (multiturn potentiometers) for field calibration. * **LED Indicator:** A power LED indicates the status of the 24V DC power supply. --- ## Wiring & Connection Logic The device translates an analog current loop from a sensor/transmitter and re-transmits it as a clean, isolated 4-20mA signal. ```mermaid graph LR A[Sensor 4-20mA] --> B(Input Terminals) B --> C{Isolation/Amplification} C --> D(Output Terminals) D --> E[PLC/Controller] F[24V DC Power] --> C ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific terminal pin assignments for the M2VF2 series?
    • ⤷ Does this model support HART communication pass-through?
    • ⤷ What is the maximum load resistance allowed for the 4W output?