M2VF2-A4-R/N
AI

The **M2VF2-A4-R/N** is a specific model of an **M2V series Signal Conditioner (Isolator)** manufactured by companies like **M-System** (now MG CO., LTD). It is designed to take a variable analog input signal and convert it into an isolated analog output signal.
### 1. Part Number Breakdown
Understanding the specific electronic characteristics requires decoding the suffix codes:
| Code Segment | Description | Specific Specification |
| :--- | :--- | :--- |
| **M2VF2** | Model Series | Ultra-slim Signal Conditioner (Isolator) |
| **-A4** | Input/Output Type | 4 to 20 mA DC (Input) / 4 to 20 mA DC (Output) |
| **-R** | Power Input | 24V DC |
| **-N** | Compliance/Options | No specific standards (standard terminal) |
---
### 2. Key Electronic Specifications
The internal circuitry is designed for high-precision industrial automation.
#### Electrical Input & Output
* **Input Signal:** 4 – 20 mA DC (Input resistance approx. 250 Ω).
* **Output Signal:** 4 – 20 mA DC (Load resistance max. 550 Ω).
* **Accuracy:** ±0.1% of span.
* **Response Time:** ≤ 0.5 seconds (0 – 90%).
#### Isolation & Protection
This part is used to prevent ground loops and protect sensitive PLC/DCS inputs from high-voltage surges.
* **Isolation Technique:** 3-way isolation (Input to Output to Power).
* **Dielectric Strength:** 2000V AC @ 1 minute (Input to output to power to ground).
* **Insulation Resistance:** ≥ 100 MΩ with 500V DC.
#### Physical & Power Attributes
* **Power Consumption:** Approx. 3W.
* **Construction:** Slim-line housing for DIN rail mounting (approx. 5.9 mm or 12.5 mm width depending on the specific sub-generation).
* **Operational Temperature:** -5 to +55°C (23 to 131°F).
---
### 3. Circuit Block Diagram Concept
Internally, the M2VF2 functions through three main stages:
```mermaid
graph LR
A[Input Terminal] --> B[Signal Conditioning/Filter]
B --> C[Opto-Isolator / Transformer]
C --> D[Output Buffer/Amplifier]
E[Power Supply 24V] --> F[DC/DC Converter]
F -.-> B
F -.-> D
```
1. **Input Stage:** Receives the 4-20mA loop, often utilizing a high-precision shunt resistor.
2. **Isolation Stage:** Uses optical or magnetic coupling to pass the signal without a direct electrical connection.
3. **Output Stage:** Reconstructs the 4-20mA signal to drive the external load (e.g., a controller or recorder).
---
### 4. Common Applications
* **Ground Loop Elimination:** Used when the sensor and the PLC are at different ground potentials.
* **Signal Boosting:** Providing extra drive capability for long-distance cable runs.
* **Equipment Protection:** Protecting expensive control systems from field-side electrical faults.
---
- ⤷
What is the maximum load resistance the M2VF2-A4-R/N can handle on its output?
- ⤷ How does 3-way isolation differ from 2-way isolation in this model?
- ⤷ Can this unit be used with a 110V AC power supply instead of 24V DC?