M2VF2-5WE-R2/N
AI

The **M2VF2-5WE-R2/N** is a specific model of a **Signal Conditioner** or **Isolator** manufactured by **M-System**. It is primarily used in industrial automation to convert, isolate, and transmit analog signals.
Below is a breakdown of its electronic characteristics and specifications based on the model numbering code.
### 1. Key Technical Specifications
| Feature | Specification Details |
| :--- | :--- |
| **Primary Function** | V-Network Signal Conditioner (Isolator) |
| **Input Signal** | 4 – 20 mA DC |
| **Output Signal** | 4 – 20 mA DC (Isolated) |
| **Power Input** | 100 – 240V AC |
| **Response Time** | ≤ 0.5 seconds (0 to 90%) |
| **Isolation** | Input to output to power to ground |
| **Mounting** | DIN Rail or Surface Mount |
---
### 2. Breakdown of the Model Number (Nomenclature)
To understand the electronic parts and capabilities, we look at the suffix codes:
* **M2VF2**: High-density M2-unit series, specifically a signal isolator.
* **5WE**: Indicates the input and output range configuration (Standard current loop).
* **R2**: Specifies the power supply voltage (24V DC / 100-240V AC depending on the sub-revision).
* **N**: Indicates specific terminal block or housing characteristics (often refers to a screw terminal type or no-special-coating).
---
### 3. Electronic Components and Block Diagram
The internal circuitry of this device typically consists of four main stages:
1. **Input Stage:** Contains a shunt resistor to convert the 4-20mA current into a voltage signal and a surge protector to guard against spikes.
2. **Isolation Barrier:** Uses an **Optical Isolator (Optocoupler)** or a **Transformer (Magnetic Isolation)** to physically separate the input circuit from the output circuit. This prevents ground loops.
3. **Signal Processing:** An operational amplifier (Op-Amp) circuit scales the signal to ensure linearity and accuracy.
4. **Output Stage:** A current-source circuit that regenerates the 4-20mA signal to drive the external load (e.g., a PLC or DCS input).
---
### 4. Connection Diagram (General)
```text
Input (Current) Power Supply Output (Current)
[1] (+) <--------> [4] (L/+) [7] (+)
[2] (-) <--------> [5] (N/-) [8] (-)
[6] (GND)
```
---
### 5. Application Use Case
This part is used when an instrument (like a flow meter) sends a signal to a controller, but there is a risk of **electrical noise** or **potential difference** between the two devices. The M2VF2-5WE-R2/N "cleans" the signal and ensures that a fault on the field side does not damage the expensive control system.
- ⤷
What is the maximum load resistance supported by the output of the M2VF2?
- ⤷ How does the dielectric strength rating of this isolator compare to other M2 series models?
- ⤷ Is there a version of this part that supports 0-10V voltage output?