M2VF2-5WA-R2/Q
AI

The **M2VF2-5WA-R2/Q** is a high-precision, signal-isolated transmitter (transducer) manufactured by **M-System**. It is specifically designed to convert an AC voltage input into two independent, isolated DC output signals.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Input Signal** | AC Voltage (0 – 150V AC typically for -5W suffix) |
| **Output 1** | 4 – 20 mA DC |
| **Output 2** | 1 – 5 V DC |
| **Power Input** | 24V DC (±10%) |
| **Isolation** | 3-way isolation (Input to Output to Power) |
| **Accuracy** | ±0.3% |
| **Response Time** | ≤ 0.5 seconds (0 – 90%) |
---
### 2. Functional Breakdown
#### A. Input Section (AC Voltage)
The unit monitors an alternating current voltage. It uses an internal transformer or sensing circuit to step down and rectify the AC signal into a measurable DC level proportional to the Root Mean Square (RMS) or average value of the input.
#### B. Isolation Barrier
One of the most critical "parts" of this device is the **galvanic isolation**. It uses opto-isolators or magnetic transformers to ensure that high-voltage surges on the input side do not damage the PLC/DCS on the output side.
- **Isolation Resistance:** 100 MΩ or more with 500V DC.
- **Dielectric Strength:** 2000V AC @ 1 minute.
#### C. Dual Output Stage
The "2" in the model name indicates **Dual Output**.
- It generates two separate signals simultaneously.
- This allows you to send one signal to a local display/meter and the second signal to a remote control system (SCADA/PLC) without needing a separate splitter.
---
### 3. Model Code Deciphering
To understand the specific electronics, here is the breakdown of the part number:
| Code | Meaning |
| :--- | :--- |
| **M2VF2** | Model series: Mini-M AC Voltage Transmitter (Dual Output) |
| **-5W** | Input range: 0 – 150V AC |
| **A** | Output 1: 4 – 20 mA DC |
| **-R** | Power Input: 24V DC |
| **2/Q** | Output 2: 1 – 5V DC / "Q" indicates special options or coating |
---
### 4. Installation and Wiring
The device features a **plug-in socket base**, allowing for easy maintenance. The electronics are housed in a flame-resistant resin case.
* **Terminals 1 & 10:** AC Input
* **Terminals 7(+) & 8(-):** Output 1 (Current)
* **Terminals 9(+) & 8(-):** Output 2 (Voltage)
* **Terminals 11(+) & 12(-):** 24V DC Power
---
- ⤷What is the significance of the /Q suffix in M-System part numbers?
- ⤷ How do I calibrate the zero and span settings on this unit?
- ⤷ Can this unit handle non-sinusoidal AC waveforms?