M2VF2-5W6-R2/CE
AI

The **M2VF2-5W6-R2/CE** is a high-performance **Signal Conditioner (Isolator)** manufactured by **M-System**. It is specifically designed to convert two independent DC input signals into two independent, isolated DC output signals.
---
## 1. Core Technical Specifications
The model number breakdown reveals the specific electronic characteristics of this unit:
| Feature | Specification |
| :--- | :--- |
| **Model Series** | M2VF2 (Ultra-slim Signal Conditioner) |
| **Input Type (5)** | 4 – 20 mA DC |
| **Output 1 Type (W)** | 4 – 20 mA DC |
| **Output 2 Type (6)** | 1 – 5 V DC |
| **Power Input (R2)** | 24V DC |
| **Certification (CE)** | CE Marking compliant |
---
## 2. Key Electronic Components & Design
### A. Dual-Channel Isolation
The "VF2" designation indicates a **2-channel** configuration. In this device, the electronics are designed to prevent "ground loops" and noise interference by providing galvanic isolation between:
* Input 1 and Output 1
* Input 2 and Output 2
* Power supply and all I/O channels
### B. Signal Conversion Circuitry
The internal circuitry utilizes high-precision Operational Amplifiers (Op-Amps) and Analog-to-Digital/Digital-to-Analog conversion (or high-linearity optocouplers) to ensure signal integrity.
* **Input Impedance:** Typically 250 $\Omega$ for the 4-20mA input.
* **Output Drive:** Output 1 (Current) can usually drive up to 600 $\Omega$ loads, while Output 2 (Voltage) is high-impedance.
### C. Power Management
The **R2** designation indicates the unit runs on **24V DC**. Internal electronics include a DC-DC converter to generate the necessary internal voltages for the isolation barrier while maintaining low power consumption (approx. 3W).
---
## 3. Physical & Installation Features
* **Form Factor:** Ultra-slim housing (approx. 12.5mm width) to save space on DIN rails.
* **Connection:** Tension-clamp or screw terminals (depending on the specific terminal block option).
* **Status Indication:** Includes a front-facing LED power indicator to confirm electronic operation.
---
## 4. Summary Table of Performance
| Parameter | Value |
| :--- | :--- |
| **Accuracy** | ±0.1% of span |
| **Temp. Coefficient** | ±0.015% per °C |
| **Response Time** | $\leq$ 0.5 seconds (0 – 90%) |
| **Insulation Resistance** | 100 M$\Omega$ minimum at 500V DC |
| **Dielectric Strength** | 2000V AC @ 1 minute |
- ⤷
What is the wiring diagram for the 24V DC power input on this model?
- ⤷ Does the M2VF2 series support HART signal pass-through?
- ⤷ What are the specific environmental operating temperature limits for the CE version?