M2VF2-5W1-R2
AI

The **M2VF2-5W1-R2** is a specific model of an **Ultra-Slim Signal Conditioner (Isolator)** manufactured by **M-System**. It is designed to convert a standard DC input signal into a standard DC output signal while providing galvanic isolation.
---
### 1. General Specifications
This device is part of the M2VF2 series, known for its high-density mounting capability and 5.9 mm width.
| Feature | Specification |
| :--- | :--- |
| **Model Number** | M2VF2-5W1-R2 |
| **Type** | Signal Conditioner (Input Loop Powered) |
| **Input Signal** | 4 to 20 mA DC |
| **Output Signal** | 1 to 5 V DC |
| **Power Input** | 24 V DC |
| **Mounting** | DIN Rail Mounting |
| **Housing Material** | Flame-resistant resin (Black) |
---
### 2. Electronic Component Breakdown
The internal architecture consists of several critical stages that manage signal integrity and power management:
* **Input Stage:** Receives the 4-20 mA current loop. It typically includes a precision shunt resistor to convert the current into a voltage for internal processing.
* **Isolation Barrier:** Uses an **Opto-isolator** or **Transformer isolation**. This prevents electrical noise and ground loops from traveling from the field devices (sensors) to the control system (PLC/DCS).
* **Signal Conversion (I/V):** Since the output is 1-5 V DC, the device utilizes an operational amplifier (Op-Amp) circuit to scale the signal linearly.
* **Power Management:** The "R2" suffix usually indicates a 24V DC power requirement. It includes internal filtering and surge protection to ensure stable operation in industrial environments.
---
### 3. Wiring Configuration
The device uses a multi-terminal setup. Below is a general representation of the connection logic:
| Terminal | Function | Description |
| :--- | :--- | :--- |
| **Input (+ / -)** | Current Input | Connects to the 4-20 mA sensor loop. |
| **Output (+ / -)** | Voltage Output | Connects to the PLC/Controller (1-5 V). |
| **Power (+ / -)** | 24V DC Supply | External power supply to drive the internal electronics. |
---
### 4. Technical Advantages
* **Space Saving:** At only 5.9 mm wide, it allows for high-density cabinet layouts.
* **High Dielectric Strength:** Usually provides isolation up to 2000V AC between input, output, and power.
* **Response Time:** Fast response (typically $\leq$ 0.5 seconds) suitable for most industrial process control loops.
- ⤷What is the difference between the M2VF2-5W1-R2 and the M2VF-4W models?
- ⤷ How do I troubleshoot a zero-point offset in this signal conditioner?
- ⤷ What are the environmental temperature limits for this specific module?