M2VF2-4WD-R2/X1
AI

Based on the identification of the **M2VF2-4WD-R2/X1**, this refers to a specific revision of a **4WD (Four-Wheel Drive) Mobile Robot Chassis Kit**, typically used with microcontrollers like Arduino, ESP32, or Raspberry Pi for educational and hobbyist robotics.
Below is a breakdown of the electronic components typically found in this specific configuration.
---
### 1. Core Electronic Components
| Component | Description | Function |
| :--- | :--- | :--- |
| **DC Geared Motors** | 4x 1:48 or 1:120 ratio motors | Provides torque and rotation to the four wheels. |
| **L298N / TB6612FNG** | Motor Driver Module | Acts as the interface between the logic (MCU) and high-power (Motors). |
| **Optical Encoders** | 2x or 4x Slotted discs | Used with speed sensors to measure RPM and distance traveled. |
| **Power Switch** | Rocker Switch (KCD1) | Manual hardware disconnect for the battery power supply. |
| **Battery Holder** | 2x 18650 or 4x AA slots | Provides the 6V-12V required to drive the motors and logic. |
---
### 2. Motor Specifications (Standard for R2/X1)
The "R2/X1" variants usually feature upgraded yellow or blue plastic geared motors.
* **Operating Voltage:** 3V to 9V DC.
* **No-load Current:** ~100-200mA.
* **Stall Current:** ~1.5A at 6V.
* **Output Shaft:** Dual-axis (allows for encoder disc on the inside and wheel on the outside).
---
### 3. Wiring and Connectivity
The electronics are organized in a "Power-Logic-Actuation" hierarchy:
1. **Logic Level:** A microcontroller (e.g., Arduino Uno) sends PWM (Pulse Width Modulation) signals to the driver.
2. **Driver Level:** The Motor Driver (H-Bridge) interprets logic signals to reverse polarity or change speed.
3. **Power Level:** The battery pack connects directly to the Driver's $V_{cc}$ to prevent drawing too much current through the microcontroller.
---
### 4. Expansion Electronics (Commonly Added)
While the base R2/X1 kit includes the chassis and motors, it is designed to support the following sensors:
* **HC-SR04 Ultrasonic Sensor:** For obstacle avoidance.
* **Line Tracking Sensors:** Infrared (IR) pairs for following paths.
* **Servo Motor (SG90):** To rotate the ultrasonic sensor "head."
* **Bluetooth/Wi-Fi Module:** For remote control via smartphone.
---
- ⤷
What is the maximum voltage the M2VF2-4WD motors can safely handle?
- ⤷ Which motor driver is best suited for this 4WD configuration?
- ⤷ How do I install the speed encoder discs on the X1 chassis?