công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2VF2-4W5-R

  • AI
    The **M2VF2-4W5-R** is a specific model of a **Signal Conditioner / Signal Isolator** manufactured by **M-System**. It is primarily used in industrial automation and process control to convert and isolate analog signals. --- ## 1. Core Technical Specifications The part number follows a specific nomenclature that defines its electronic characteristics: | Feature | Specification | Description | |:---|:---|:---| | **Primary Function** | Signal Conditioner | Converts a variable input signal to a standardized output signal. | | **Input Signal** | 4 – 20 mA DC | Standard industrial current loop input. | | **Output Signal** | 4 – 20 mA DC | Provides a mirrored, isolated 4-20mA output. | | **Power Input (4W)** | 100 – 240V AC | Wide-range AC power supply. | | **Construction** | M2V Series | Ultra-slim (5.9mm wide), high-density mounting. | | **Isolation** | 3-Way Isolation | Input, output, and power are all galvanically isolated. | --- ## 2. Electronic Components & Architecture The device utilizes several critical electronic sub-systems to ensure accuracy and safety: ### A. Galvanic Isolation This is the most critical "electronic part" of the device. It typically uses an **Optical Coupler** or **Magnetic Transformer** to transfer the signal across a barrier. * **Purpose:** Prevents ground loops and protects sensitive PLC/DCS inputs from high-voltage surges in the field. ### B. Analog-to-Digital and Digital-to-Analog Conversion Inside the M2V series, the signal is often processed digitally to maintain high accuracy: 1. **Input Stage:** A precision shunt resistor converts the 4-20mA current to a voltage. 2. **Processing:** A high-resolution ADC (Analog-to-Digital Converter) digitizes the signal. 3. **Output Stage:** A DAC (Digital-to-Analog Converter) combined with an operational amplifier recreates the isolated 4-20mA loop. ### C. Power Management The **"4W"** designation indicates it is a 4-wire device (separate power supply). * It contains an internal **Switching Mode Power Supply (SMPS)** to convert the 100-240V AC input into low-voltage DC (usually 5V or 12V) required for the internal circuitry. --- ## 3. Terminal Configuration The wiring for this specific electronic component is standardized for DIN-rail mounting: | Terminal No. | Assignment | Function | |:---:|:---|:---| | 1 - 2 | Output | Isolated 4-20mA DC signal to Controller | | 3 - 4 | Input | 4-20mA DC signal from Field Sensor | | 5 - 6 | Power | 100-240V AC Power Supply | --- ## 4. Key Electronic Performance Metrics * **Accuracy:** Typically within ±0.1% of the span. * **Response Time:** Usually $\le$ 0.5 seconds (to reach 90% of the signal). * **Dielectric Strength:** Often rated for 2000V AC for 1 minute (between all terminals). * **Insulation Resistance:** $\ge$ 100 M$\Omega$ with 500V DC.
    ✨ Follow-up Questions
    • ⤷ What is the difference between 2-wire and 4-wire signal conditioners?
    • ⤷ How does 3-way isolation prevent ground loops in industrial circuits?
    • ⤷ Can the M2VF2-4W5-R be used with a 0-10V input signal?