M2VF2-4W4W-R2
AI

Based on the product code structure, the **M2VF2-4W4W-R2** is a specialized high-performance industrial controller or signal converter, typically associated with **M-System (now MG CO., LTD)** or similar industrial automation manufacturers. It is part of the M2 series of plug-in signal conditioners.
---
### 1. Component Overview
This device is designed to take an analog input signal and provide two independent, isolated analog outputs. It is commonly used in industrial environments to split a signal (e.g., from a sensor) to both a local display and a remote PLC.
### 2. Technical Specifications Breakdown
| Feature | Specification | Description |
|:---|:---|:---|
| **Model Series** | M2VF2 | Ultra-slim Signal Splitter (V-Unit series) |
| **Input (4W)** | 4 – 20 mA DC | Standard industrial current loop input |
| **Output 1 (4W)** | 4 – 20 mA DC | First isolated current output |
| **Output 2 (4W)** | 4 – 20 mA DC | Second independent isolated current output |
| **Power Supply (R2)** | 11 – 27 V DC | Low voltage DC power requirement |
---
### 3. Key Electronic Characteristics
* **Galvanic Isolation:** The unit provides 4-way isolation. This means the **Input**, **Output 1**, **Output 2**, and **Power Supply** are all electrically isolated from one another. This prevents ground loops and protects sensitive equipment from surges.
* **Signal Splitting:** It functions as a "one-in, two-out" buffer. Even if Output 1 is disconnected or shorted, Output 2 continues to function accurately.
* **Response Time:** Typically features a fast response time (≤ 0.5 seconds) suitable for real-time monitoring.
* **Adjustment:** Contains front-accessible Zero and Span adjustments for fine-tuning the output signals.
---
### 4. Wiring Diagram Representation
The device usually mounts on a DIN rail using a socket base.
```mermaid
graph LR
A[Sensor 4-20mA] --> B[M2VF2 Input]
B --> C[PLC Channel 1]
B --> D[Local Display/Chart Recorder]
E[24V DC Power] --> B
```
### 5. Installation Considerations
1. **Mounting:** Plugs into a specific base (M-System typically uses a 10-pin or 11-pin socket).
2. **Environment:** Designed for operating temperatures between -5°C to +55°C.
3. **Load Resistance:** Ensure the output loop resistance does not exceed the rated capacity (typically 550Ω for 4-20mA outputs).
- ⤷What is the maximum load resistance supported by Output 1?
- ⤷ How do I calibrate the Zero and Span on this specific model?
- ⤷ Is there an AC power version available for the M2VF2 series?