M2VF2-4A-R/CE
AI

The **M2VF2-4A-R/CE** is a high-precision, signal-isolating transducer (Signal Conditioner) manufactured by **M-System**. It is designed to convert an AC voltage input into a standard DC output signal, typically used in industrial automation and power monitoring.
---
### 1. Key Technical Specifications
The following table summarizes the primary electronic characteristics of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Model Function** | AC Voltage Transmitter (RMS Sensing) |
| **Input Range** | 0 – 300V AC (Standard range for 4A suffix) |
| **Output Range** | 4 – 20mA DC (Standard R suffix) |
| **Power Input** | 24V DC |
| **Accuracy** | ±0.3% of span |
| **Response Time** | ≤ 0.5 seconds (0 – 90%) |
| **Isolation** | 3-way (Input to Output to Power) |
| **Dielectric Strength** | 2000V AC @ 1 minute |
---
### 2. Electronic Component Breakdown
#### A. Input Section (AC Sensing)
* **True RMS Conversion:** Unlike basic peak-detecting circuits, the M2VF2 uses a True RMS sensing circuit. This allows it to accurately measure voltage even if the waveform is distorted (non-sinusoidal).
* **High Impedance:** The input is designed with high impedance to minimize "loading effect" on the voltage source being measured.
#### B. Isolation Barrier
* **Galvanic Isolation:** The "M2" series utilizes optical or transformer-based isolation. This protects the downstream PLC/DCS from high-voltage surges or ground loops occurring on the input side.
* **Three-Way Isolation:** The circuit is split into three independent sections: Input, Output, and Power Supply.
#### C. Output Drive (Current Loop)
* **Current Source:** The 4-20mA output is a regulated current source. It compensates for resistance in the lead wires, ensuring the signal remains accurate over long distances.
* **Zero/Span Adjustments:** The front panel typically features multi-turn potentiometers (trimmers) to calibrate the minimum (4mA) and maximum (20mA) points.
---
### 3. Connection Diagram (General Layout)
```text
[ INPUT ] [ POWER ] [ OUTPUT ]
Terminals Terminals Terminals
(1, 2) (4, 5) (3, 6)
| | |
AC Voltage --------> DC Power --------> 4-20mA DC
(0-300V) (24V DC) (To PLC)
```
---
### 4. Certifications and Design
* **CE Marking:** The "/CE" suffix indicates compliance with European Union safety and EMC (Electromagnetic Compatibility) standards.
* **DIN Rail Mounting:** The housing is designed for standard 35mm DIN rail installation, making it "plug-and-play" for industrial control panels.
- ⤷
What is the difference between Mean Value Sensing and True RMS in this device?
- ⤷ How do I calibrate the zero and span settings for this specific model?
- ⤷ Can this device handle input voltages higher than 300V AC?