M2VF2-44W-R2/CE
AI

The **M2VF2-44W-R2/CE** is a high-performance, industrial-grade **Universal Analog Signal Converter (Signal Conditioner)** manufactured by **M-System**. It is part of the M2-series and is designed to interface between field sensors and control systems (like PLC/DCS).
---
### 1. Key Technical Specifications
The part number breaks down into specific electronic characteristics:
| Specification | Details |
| :--- | :--- |
| **Model Series** | M2VF2 (Ultra-slim Signal Conditioner) |
| **Input Type** | **Universal Input**: DC Voltage or Current (Configurable) |
| **Output Type** | **Dual Output**: Typically 0–10V DC / 4–20mA DC (Programmable) |
| **Power Supply (44)** | 100 – 240V AC (Wide range AC) |
| **Output Code (W)** | Dual Independent Outputs |
| **Mounting (R2)** | DIN Rail Mounting (Type R2 housing) |
| **Certification (CE)** | CE Marking (European Safety Standards) |
---
### 2. Functional Electronic Components
#### A. Isolation Barrier
The device provides **three-way isolation** (Input to Output to Power). This is electronically achieved using:
* **Optocouplers/Transformers:** To prevent ground loops and protect sensitive PLC inputs from high-voltage surges in the field.
* **Dielectric Strength:** Usually rated for 2000V AC @ 1 minute.
#### B. Signal Processing (A/D & D/A)
* **Microprocessor Controlled:** Unlike old analog potentiometers, this unit uses a digital processor to linearize signals and allow for software-based configuration.
* **16-bit Resolution:** High-precision Analog-to-Digital conversion ensures minimal signal loss during the conditioning process.
#### C. Power Management
* **Switch-mode Power Supply (SMPS):** The "44" designation indicates an internal power circuit capable of handling global AC voltages (100-240V) with high efficiency and low heat dissipation.
---
### 3. Usage & Application
This part is used in environments where electronic signals need to be "cleaned up" or "duplicated."
1. **Signal Conversion:** Converting a 0-10V sensor signal into a 4-20mA signal for long-distance transmission.
2. **Signal Splitting:** The "W" (Dual Output) feature allows one sensor input to be sent to two different devices simultaneously (e.g., a local display and a remote PLC) without signal degradation.
3. **Noise Reduction:** Electronic filtering circuits inside the M2VF2 remove electromagnetic interference (EMI) from the raw input signal.
---
### 4. Wiring Diagram Overview
* **Terminals 1-2:** Power Input (AC).
* **Terminals 5-6:** Input Signal (from Sensor).
* **Terminals 7-8:** Output 1.
* **Terminals 9-10:** Output 2.
- ⤷
How do I configure the input ranges for the M2VF2 using the internal DIP switches?
- ⤷ What is the specific accuracy percentage for the dual-output signals?
- ⤷ Can this model be used with a 24V DC power supply instead of AC?