M2VF2-3A-R
AI

The **M2VF2-3A-R** is an industrial-grade **Signal Conditioner** (specifically a Signal Isolator/Converter) manufactured by **M-System** (now part of MG CO., LTD). It belongs to the M2 Series of plug-in signal conditioners.
---
## 1. Core Specifications & Technical Data
The primary function of this device is to receive a DC input signal, isolate it, and provide two independent DC output signals.
| Feature | Specification |
| :--- | :--- |
| **Series** | M2 Series (Mini-M) |
| **Model Function** | Two-wire Transmitter/Signal Isolator (Dual Output) |
| **Input Type** | 4 – 20 mA DC |
| **Output 1 & 2** | 4 – 20 mA DC (Standard for the -3A-R suffix) |
| **Power Input** | 24V DC (Indicated by the 'R' suffix) |
| **Accuracy** | ±0.1% |
| **Response Time** | ≤ 0.5 seconds (0 – 90%) |
| **Isolation** | 4-way isolation (Input to output 1 to output 2 to power) |
---
## 2. Part Number Breakdown (Nomenclature)
To understand the electronic capabilities, we must decode the specific suffix:
### `M2VF2` - `3` `A` - `R`
1. **M2VF2**: Base model for a Variable Loop-powered Isolator / Signal Conditioner with dual outputs.
2. **3 (Input)**: 4 – 20 mA DC.
3. **A (Output)**: 4 – 20 mA DC (for both Output 1 and Output 2).
4. **R (Power Input)**: 24V DC power supply requirement.
---
## 3. Key Electronic Components & Internal Architecture
The device is built using high-reliability industrial electronic components:
### A. Galvanic Isolation (4-Way)
The unit uses **Optical Isolators** or **Transformers** to provide 2000V AC isolation. This protects sensitive PLC/DCS inputs from ground loops and high-voltage surges present in the field.
### B. Signal Conversion Circuitry
* **Precision Resistors**: Used to shunt the 4-20mA input to a voltage for internal processing.
* **Operational Amplifiers (Op-Amps)**: High-precision, low-drift amplifiers ensure the signal is linear and accurate.
* **Zero/Span Adjustments**: Located on the front panel, these are multi-turn potentiometers used to calibrate the output levels.
### C. Power Management
* **DC/DC Converter**: The "R" variant (24V DC) includes an internal DC-to-DC converter to provide stable, isolated power rails for the internal circuitry.
---
## 4. Connection Diagram (Standard Wiring)
```text
Terminal | Function
---------|---------------------------
1 | Output 1 (+)
2 | Output 1 (-)
3 | Output 2 (+)
4 | Output 2 (-)
5 | Input (+)
6 | Input (-)
7 | Power (24V DC +)
8 | Power (24V DC -)
```
---
## 5. Application Use Case
This device is typically used when one sensor (e.g., a flow meter) needs to send a signal to two different devices (e.g., a local display and a remote PLC) without the two devices interfering with each other via ground loops.
- ⤷
What is the maximum load resistance supported by the M2VF2 outputs?
- ⤷ How do you calibrate the Zero and Span on this specific model?
- ⤷ Is there a version of this module that supports 100-240V AC power?