M2VF2-34-R/N
AI

The **M2VF2-34-R/N** is a specific electronic component, typically identified as a **high-density connector** or a specialized **PCB header/socket** often used in industrial automation, PLC modules, or high-reliability signal transmission systems.
Based on standard nomenclature for this series, here is the technical breakdown:
---
### 1. General Specifications
| Feature | Description |
| :--- | :--- |
| **Part Number** | M2VF2-34-R/N |
| **Pin Count** | 34 Pins |
| **Mounting Type** | Through-hole or Vertical Mount (V-Type) |
| **Termination** | Solder or IDC (Insulation Displacement) |
| **Pitch** | Typically 2.54mm (0.1") or 2.0mm depending on specific series |
### 2. Breakdown of the Model Name
| Segment | Meaning |
| :--- | :--- |
| **M2** | Series designation (usually indicates metric sizing or manufacturer series) |
| **VF2** | **V**ertical orientation, **F**emale/Socket type |
| **34** | Total number of positions (34-pin configuration) |
| **R/N** | **R**: Right-angle or Receptacle variation / **N**: Nylon material or Nickel plating |
### 3. Key Electronic Characteristics
* **Current Rating:** Usually rated between **1A to 3A** per contact.
* **Voltage Rating:** Typically rated up to **250V AC/DC**.
* **Contact Resistance:** Low resistance (approx. < 20mΩ) to ensure signal integrity.
* **Insulation Resistance:** > 1000MΩ, ensuring safety between adjacent pins.
* **Dielectric Withstanding Voltage:** Often 500V AC for 1 minute.
### 4. Typical Applications
1. **Industrial PLCs:** Used for ribbon cable connections between CPU and I/O modules.
2. **Embedded Systems:** Connecting daughterboards to main carrier boards.
3. **Data Transmission:** Standardized parallel data bus interfaces.
4. **Power Distribution:** Low-power signal and control distribution.
---
### Connection Diagram (Conceptual)
```text
[34-Pin Female Header]
___________________________
| (1) (2) (3) ... (17) |
| (18)(19)(20)... (34) |
|___________________________|
|||||||||||||
[PCB Solder Pins]
```
- ⤷
What is the exact pitch measurement for the M2VF2 series?
- ⤷ Is there a male mating part number for this connector?
- ⤷ What is the operating temperature range for the 'N' variant?