công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2VF2-31-R/UL

  • AI
    The **M2VF2-31-R/UL** is a specific model of an **Electronic Motor Protection Relay**, typically manufactured by companies like **GIC (General Industrial Controls)**. It is designed to monitor electrical parameters and protect three-phase motors from damage due to supply fluctuations. --- ### 1. Key Technical Specifications The part number breaks down into specific electrical characteristics. Below are the primary technical attributes: | Feature | Specification | | :--- | :--- | | **Device Type** | Voltage Protection Relay / Phase Monitoring Relay | | **Supply Voltage** | 415V AC (Three-Phase) | | **Protection Functions** | Phase Sequence, Phase Loss, Under-Voltage, Over-Voltage | | **Output Contacts** | 2 C/O (Changeover / DPDT) | | **Mounting** | DIN Rail Mounting | | **Approval** | UL Recognized (indicated by the /UL suffix) | --- ### 2. Core Electronic Components & Functions Inside the device, several electronic stages work together to protect the motor: #### A. Sensing Circuit (Voltage Divider/Rectifier) * The relay monitors the incoming three-phase lines (L1, L2, L3). * It uses a resistor network to step down high voltages to signal levels that the internal logic can process. #### B. Microcontroller/Comparator Logic * The "brain" of the unit compares the incoming voltage against preset thresholds (Under-voltage and Over-voltage). * **Phase Sequence Detection:** It ensures the phases are in the correct order (R-Y-B). If reversed, the relay won't trip the contactor, preventing the motor from spinning backwards. * **Phase Loss Detection:** If one phase drops significantly or is disconnected, the logic triggers an immediate trip to prevent "single-phasing" which burns out motor windings. #### C. Electromechanical Output (Relay) * The device contains a physical relay with **2 Changeover (C/O)** contacts. * When the power is healthy, the internal relay is energized. If a fault is detected, the relay de-energizes, breaking the control circuit of the motor starter. --- ### 3. Protection Parameters The device provides a "safety net" for industrial equipment by monitoring the following: 1. **Under-Voltage (UV):** Trips if the voltage falls below a specific percentage (usually -15% to -20%) of the nominal rating. 2. **Over-Voltage (OV):** Trips if the voltage exceeds the limit, preventing insulation breakdown. 3. **Phase Asymmetry:** Monitors if the load/voltage is unbalanced across the three phases. 4. **Time Delay:** Includes a small trip delay (usually 2-5 seconds) to prevent nuisance tripping caused by momentary voltage spikes or dips. --- ### 4. Wiring and Application * **Input:** Connected to the main 3-phase supply. * **Output:** The 2 C/O contacts are wired in series with the coil of the **Magnetic Contactor**. * **Use Case:** Highly recommended for HVAC compressors, pumping systems, and industrial conveyors where motor replacement costs are high.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'UL' suffixes in this part number?
    • ⤷ How do you wire the 2 C/O contacts to a motor starter circuit?
    • ⤷ Can this relay be used for single-phase motor protection?